Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF2110-1C70XXX Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF2110-1C70XXX
Description  MINIATURE HIGH POWER RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF2110-1C70XXX Datasheet(HTML) 1 Page - Hongfa Technology

  HF2110-1C70XXX Datasheet HTML 1Page - Hongfa Technology HF2110-1C70XXX Datasheet HTML 2Page - Hongfa Technology HF2110-1C70XXX Datasheet HTML 3Page - Hongfa Technology HF2110-1C70XXX Datasheet HTML 4Page - Hongfa Technology HF2110-1C70XXX Datasheet HTML 5Page - Hongfa Technology HF2110-1C70XXX Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9MJWXUMV
x>A: *Deqwhjklhn
x>A: *Dequ-uhgggigkphmm
uDCI68I G6I>C<
`.:He AD69a
uDCI68I
G:H>HI6C8:
sEEGDMe pggB3
uD>A EDL:G
nigg2s
jmgg2s
kogg2s
ikgg2s
mgg3
jgg3
mgg3
jgg3
z+*yxs .w}s5
{/+pgghc {/+f0/hmpkp c {/+hkgghc +z/s/hogghc {wu--u gogggg uw.0{x{wv
ighl .:Ke hegg
ijl
/=D8@
G:H>HI6C8:
v>:A:8IG>8
HIG:C<I=
sB7>:CI I:BE:G6IJG:
t:IL::C 8D>A
_ 8DCI68IH
t:IL::C DE:C
8DCI68IH
hlgg2su hB>C
0:GB>C6I>DC
h M hgn+,/
b
hs INE:qh M hgl+,/ `jgs ikg2suc .:H>HI>K:
AD69cs<u9+c .DDB I:BEec hHDC pHD;;a
~6Me HL>I8=>C<
KDAI6<:
?SWMV3
b~6M>BJB KDAI6<: G:;:GH ID I=: B6M>BJB KDAI6<: L=>8= G:A6N
8D>A 8DJA9 :C9JG: >C 6 H=DGI E:G>D9 D; I>B:e
W jgs HL>I8=>C< 86E67>A>IN
W,ut 8D>A I:GB>C6AHc >9:6A ;DG =:6KN 9JIN AD69
W iel@2 9>:A:8IG>8 HIG:C<I= `7:IL::C 8D>A 6C9 8DCI68IHa
W 1C:C8ADH:9 INE: 6K6>A67A:
W1} >CHJA6I>DC HNHI:Bq uA6HH x 6K6>A67A:
W wCK>GDCB:CI6A ;G>:C9AN EGD9J8I `.Dz/ 8DBEA>6CIa
W +JIA>C: v>B:CH>DCHq `zxihhga`ioek M ijel M hleja BB
;92110/;92120
uDCI68I
6GG6C<:B:CI
uDCI68I B6I:G>6A
~6Me HL>I8=>C<
EDL:G
~6Me HL>I8=>C<
8JGG:CI
6@?D46D 74D4
><?<4DEB8 ;<:; A@G8B B8=4I
*DB>C6A
2DAI6<:
2vu
uD>A
.:H>HI6C8:
,>8@dJE
2DAI6<:
2vu
B6Me
vGDEdDJI
2DAI6<:
2vu
B>Ce
6@<= 74D4
l
m
p
hi
hl
in M `h hg^a
kg M `h hg^a
pn M `h hg^a
hll M `h hg^a
ilm M `h hg^a
jenl
kelg
menl
pegg
hheil
gel
gem
gep
hei
hel
ho
ik
ko
ng
hhg
jog M `h hg^a
mmg M `h hg^a
ilmg M `h hg^a
llgg M `h hg^a
hjklg M `h hg^a
hjelg
hoegg
jmegg
lielg
oielg
heo
iek
keo
neg
hheg
hs
ht
hu`*+a
hu`*ua
lgB B6Me`6I hs ik2vua
s</C+ic s<u9+
jgs ikg2su hls ikg2su igs ikg2su hgs ikg2su
igs jg2vu hgs jg2vu igs jg2vu
hgs jg2vu
inn2su fjg2vu
kgs
hls
igs
hgs
6@<=
6I ij
~6Me
2DAI6<:
2vu
~:8=6C>86A
:C9JG6C8:
mel
neo
hhen
hlem
hpel
ijek
jhei
miek
pheg
hkjeg
6;4B46D8B<CD<6C
{CHJA6I>DC G:H>HI6C8:
+E:G6I: I>B: `6I CDB>e KDAIea
.:A:6H: I>B: `6I CDB>e KDAIea
xJC8I>DC6A
v:HIGJ8I>K:
2>7G6I>DC G:H>HI6C8:
zJB>9>IN
1C>I L:><=I
uDCHIGJ8I>DC
hggg~ `6I lgg2vua
zxihhgfzxihigq ilgg2su hB>C
zxihhhfzxihihq iggg2su hB>C
hlBH B6Me
hgBH B6Me
dllDu ID olDu
poBfHi
pogBfHi
hgzOID llzO hBB vs
l^ ID ol^ .z
zxihhgfihhhq ,ut
zxihigfihihq ,ut _ -u
sEEGDMeil<
1C:C8ADH:9
wA:8IG>86A
:C9JG6C8:
?SWMV3 ha 0=: 96I6 H=DLC 67DK: 6G: >C>I>6A K6AJ:He
ia ,A:6H: ;>C9 8D>A I:BE:G6IJG: 8JGK: >C I=: 8=6G68I:G>HI>8 8JGK:H 7:ADLe
ja 1} >CHJA6I>DC HNHI:BquA6HH xc uA6HH te


Similar Part No. - HF2110-1C70XXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF2110-1C-12DTF HONGFA-HF2110-1C-12DTF Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2110-1C-15DTF HONGFA-HF2110-1C-15DTF Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2110-1C-18DTF HONGFA-HF2110-1C-18DTF Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2110-1C-24DTF HONGFA-HF2110-1C-24DTF Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2110-1C-5DTF HONGFA-HF2110-1C-5DTF Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF2110-1C70XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com