Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7072AT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA7072AT
Description  Single BTL power driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7072AT Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA7072AT Datasheet HTML 1Page - NXP Semiconductors TDA7072AT Datasheet HTML 2Page - NXP Semiconductors TDA7072AT Datasheet HTML 3Page - NXP Semiconductors TDA7072AT Datasheet HTML 4Page - NXP Semiconductors TDA7072AT Datasheet HTML 5Page - NXP Semiconductors TDA7072AT Datasheet HTML 6Page - NXP Semiconductors TDA7072AT Datasheet HTML 7Page - NXP Semiconductors TDA7072AT Datasheet HTML 8Page - NXP Semiconductors TDA7072AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
July 1994
2
Philips Semiconductors
Objective specification
Single BTL power driver
TDA7072A/AT
FEATURES
• No external components
• Very high slew rate
• Single power supply
• Short-circuit proof
• High output current (0.6 A)
• Wide supply voltage range
• Low output offset voltage
• Suited for handling PWM signals up to 176 kHz
• ESD protected on all pins
GENERAL DESCRIPTION
The TDA7072A/AT are single power driver circuits in a
BTL configuration, intended for use as a power driver for
servo systems with a single supply. They are specially
designed for compact disc players and are capable of
driving focus, tracking, sled functions and spindle motors.
Missing Current Limiter (MCL)
A MCL protection circuit is built-in. The MCL circuit is
activated when the difference in current between the
output terminal of each amplifier exceeds 100 mA (typical
300 mA). This level of 100 mA allows for headphone
applications (single-ended).
QUICK REFERENCE DATA
ORDERING INFORMATION
Notes
1. SOT97-1; 1996 September 10.
2. SOT96-1; 1996 September 10.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage range
3.0
5.0
18
V
Gv
internal voltage gain
32.5
33.5
34.5
dB
IP
total quiescent current
VP = 5 V; RL = ∞−
48mA
SR
slew rate
12
V/
µs
IO
output current
−−
0.6
A
Ibias
input bias current
100
300
nA
fco
cut-off frequency
−3dB
1.5
MHz
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA7072A
8
DIL
plastic
SOT97(1)
TDA7072AT
8
mini-pack
plastic
SOT96A(2)


Similar Part No. - TDA7072AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7073 PHILIPS-TDA7073 Datasheet
74Kb / 16P
   Dual BTL power driver
1999 Aug 30
TDA7073A PHILIPS-TDA7073A Datasheet
74Kb / 16P
   Dual BTL power driver
1999 Aug 30
TDA7073AT PHILIPS-TDA7073AT Datasheet
74Kb / 16P
   Dual BTL power driver
1999 Aug 30
More results

Similar Description - TDA7072AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7073A PHILIPS-TDA7073A Datasheet
74Kb / 16P
   Dual BTL power driver
1999 Aug 30
logo
ON Semiconductor
LA6581T-TE-L-E ONSEMI-LA6581T-TE-L-E Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6581T-TE-L-H ONSEMI-LA6581T-TE-L-H Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6581MC ONSEMI-LA6581MC Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6584M SANYO-LA6584M Datasheet
93Kb / 5P
   BTL Driver Single-Phase Full-Wave
logo
ON Semiconductor
LA6586FA ONSEMI-LA6586FA Datasheet
87Kb / 7P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6585MC ONSEMI-LA6585MC Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
logo
AMtek SEMICONDUCTORS CO...
AM5810FM AMTEK-AM5810FM Datasheet
378Kb / 10P
   Five Channels BTL Power Driver
Dec, 2012 V1.6
AM5810C AMTEK-AM5810C Datasheet
397Kb / 10P
   Five Channels BTL Power Driver
Feb, 2014 V1.0P
logo
List of Unclassifed Man...
AM5810 ETC1-AM5810 Datasheet
326Kb / 7P
   Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com