Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF105F-1L012A-1DT Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF105F-1L012A-1DT
Description  MINIATURE HIGH POWER RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF105F-1L012A-1DT Datasheet(HTML) 2 Page - Hongfa Technology

  HF105F-1L012A-1DT Datasheet HTML 1Page - Hongfa Technology HF105F-1L012A-1DT Datasheet HTML 2Page - Hongfa Technology HF105F-1L012A-1DT Datasheet HTML 3Page - Hongfa Technology HF105F-1L012A-1DT Datasheet HTML 4Page - Hongfa Technology HF105F-1L012A-1DT Datasheet HTML 5Page - Hongfa Technology HF105F-1L012A-1DT Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5SRWIJW QIWLUOIP
C2 t>1E-h
>OP2 t>v;-
5XVWSQLU VTLJOIP JSKL
`-ECP =FI JG<:@8C I<HL@I<D<EKJa
<d>d `kkga JK8E;J =FI 0F{1 :FDGC@8EK `v8;D@LD :FEK8@E@E> :FEK8:KJa
`kkka JK8E;J =FI 0F{1 :FDGC@8EK `v8;D@LDc=I<< :FEK8:KJa
ga
ha
ia
gmo
CLUQORIWOSR
CZTL
{ygfkycg e
fgn
cg{
y
w 21
12 5@K? .@E ,-dlb w@<C<:KI@: 1KI<E>K? u<KN<<E vF@C 8E; vFEK8:Kp hkff4tv
C2 5@K?FLK .@E ,-dlb w@<C<:KI@: 1KI<E>K? u<KN<<E vF@C 8E; vFEK8:Kp jfff4tv
>OP2 5@K?FLK .@E ,-dlb w@<C<:KI@: 1KI<E>K? u<KN<<E vF@C 8E; vFEK8:Kp hkff4tv
k
l
o
gh
gk
gn
hj
jn
mf
ggf
hm O `g gf^a
jf O `g gf^a
om O `g gf^a
gkk O `g gf^a
hkl O `g gf^a
inf O `g gf^a
llf O `g gf^a
hklf O `g gf^a
kkff O `g gf^a
gijkf O `g gf^a
idmk
jdkf
ldmk
odff
ggdhk
gidkf
gndff
ildff
khdkf
nhdkf
fdk
fdl
fdo
gdh
gdk
gdn
hdj
jdn
mdf
gg
,FD@E8C
4FCK8><
4wv
vF@C
0<J@JK8E:<
.@:BcLG
4FCK8><
4wv
wIFGcFLK
4FCK8><
4wv
5?;< 63C3
gh
hj
ghf
hfn
hhfehjf
hmm
hk O `g gf^a
gff O `g gf^a
hkff O `g gf^a
ggfff O `g gf^a
gijof O `g gf^a
gkfff O `g gf^a
odl
godh
oldf
glldj
goh
hhf
hdj
jdn
hjdf
jg
jn
kj
,FD@E8C
4FCK8><
4tv
vF@C
0<J@JK8E:<
.@:BcLG
4FCK8><
4tv
wIFGcFLK
4FCK8><
4tv
>SWLV2 5?<E I<HL@I@E> G@:BcLG MFCK8>< r nf^ F= EFD@E8C MFCK8><b JG<:@8C
FI;<I 8CCFN<;d
5SOP YSPWINL MSUQ
62 wv
32 tv
5SOP YSPWINL 652 k KF ggf4wv 352 gh KF hmm4tv
?A67A;>9 ;>8?A=3C;?>
5SRVWUXJWOSR
5SRWIJW IUUIRNLQLRW /:2gyFID t /62gyFID u /H2gyFID v
;RVXPIWOSR VWIRKIUK
82 vC8JJ y
>OP2 vC8JJ u
+8Od
tCCFN89C<
4FCK8><
4wv
ldk
mdn
ggdm
gkdl
godk
hidj
igdh
lhdj
og
gji
+8Od
tCCFN89C<
4FCK8><
4wv
gkdl
igdh
gkl
hmfdj
hnl
ilfdg
2
`666a
{ygfkcgp ift `3E<E:CFJ<;b FECP =FI wv :F@Ca
{ygfkcg*p hkt `3E<E:CFJ<;b FECP =FI wv :F@Ca
{ygfkycgp ift
{ygfkycg*p hkt
}/6cgfkcge}/6cgfkcg* `-C; KPG<a
}/6cgfkycge}/6cgfkycg* `-C; KPG<a
B2 58J? K@>?K
>OP2 wLJK GIFK<:K<; `yFI {ygfkycgb {ygfkycg*a
3E<E:CFJ<; `yFI {ygfkcgb {ygfkcg*a
8K hi
>SWLV2 ga 5< ?8M< EFN >I8;L8CCP LG;8K<; FLI FI;<I@E> @E=FID8K@FEd 5< JL>><JK E<N KPG< J?FLC; 9< J<C<:K<;d|= E<:<JJ8IPb FC; KPG< :8E 9< B<GK
=FI JFD< G<I@F; =FI K?< FC; :LJKFD<IJd
ha 3E;<I K?< 8D9@<E:< N@K? ;8E><IFLJ >8J C@B< {h1b 1-h FI ,-hb N8J? K@>?K KPG< @J I<:FDD<E;<;q GC<8J< K<JK K?< I<C8P @E I<8C 8GGC@:8K@FEJd
|= K?< 8D9@<E:< 8CCFNJb ;LJK GIFK<:K<; @J GI<=<I<EK@8CCP I<:FDD<E;<;d
ia{ygfkycg @J 8E <EM@IFED<EK8C =I@<E;CP GIF;L:Kd .C<8J< D8IB 8 JG<:@8C :F;< `kkka FI `kkga N?<E FI;<I@E>d `kkga JK8E;J 0F{1 :FDGC@8EK
N@K? v8;D@LD :FEK8:Kq `kkka JK8E;J =FI 0F{1 :FDGC@8EK N@K? v8;D@LDc=I<< :FEK8:Kd


Similar Part No. - HF105F-1L012A-1DT

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF105F-1018A6-1DSTF HONGFA-HF105F-1018A6-1DSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018A6-1HSTF HONGFA-HF105F-1018A6-1HSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018A6-1ZSTF HONGFA-HF105F-1018A6-1ZSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018AT-1DSTF HONGFA-HF105F-1018AT-1DSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018AT-1HSTF HONGFA-HF105F-1018AT-1HSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF105F-1L012A-1DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com