Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR7090CN-L1-0001 Datasheet(PDF) 4 Page - Cree, Inc

Part # XR7090CN-L1-0001
Description  XLamp짰 XR LED Binning and Labeling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XR7090CN-L1-0001 Datasheet(HTML) 4 Page - Cree, Inc

  XR7090CN-L1-0001 Datasheet HTML 1Page - Cree, Inc XR7090CN-L1-0001 Datasheet HTML 2Page - Cree, Inc XR7090CN-L1-0001 Datasheet HTML 3Page - Cree, Inc XR7090CN-L1-0001 Datasheet HTML 4Page - Cree, Inc XR7090CN-L1-0001 Datasheet HTML 5Page - Cree, Inc XR7090CN-L1-0001 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2006-2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo and XLamp are registered trademarks of Cree, Inc.

CLD-AP07.003
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Performance Groups – Chromaticity (continued)
White Color Region Coordinates - 2600K – 3500K
Region
x
y
Region
x
y
Region
x
y
SA
.402
.382
SD
.444
.399
SG
.438
.412
.416
.389
.461
.404
.429
.394
.409
.370
.450
.385
.444
.399
.395
.364
.435
.380
.453
.416
SB
.409
.370
SE
.409
.399
SH
.444
.399
.416
.389
.402
.382
.461
.404
.429
.394
.416
.389
.470
.420
.420
.375
.424
.406
.453
.416
SC
.429
.394
SF
.424
.406
.444
.399
.416
.389
.435
.380
.429
.394
.420
.375
.438
.412
Cree’s Standard Chromaticity Regions Plotted on the 93 CIE Curve
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.26 0.27 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.45 0.46 0.47 0.48
CCx
BBL
WA
WB
WC
WD
WJ
TA
WE
WF
WG
WH
10000K
8000K
6667K
5714K
5000K
4444K
3636K
3333K
2857K
2677K
3077K
TD
SA
SB
SC
SD
TH
SE
SF
SG
SH
TE
TF
TG
TC
TB
4000K


Similar Part No. - XR7090CN-L1-0001

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211EH-F EXAR-XR71211EH-F Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211EHF EXAR-XR71211EHF Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XR71211EHMTR-F EXAR-XR71211EHMTR-F Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211EHTR-F EXAR-XR71211EHTR-F Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
More results

Similar Description - XR7090CN-L1-0001

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com