Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL4550BLU-XXXX-B4-C-0001 Datasheet(PDF) 4 Page - Cree, Inc

Part # XL4550BLU-XXXX-B4-C-0001
Description  XLamp짰 4550 LEDs Binning and Labeling
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XL4550BLU-XXXX-B4-C-0001 Datasheet(HTML) 4 Page - Cree, Inc

  XL4550BLU-XXXX-B4-C-0001 Datasheet HTML 1Page - Cree, Inc XL4550BLU-XXXX-B4-C-0001 Datasheet HTML 2Page - Cree, Inc XL4550BLU-XXXX-B4-C-0001 Datasheet HTML 3Page - Cree, Inc XL4550BLU-XXXX-B4-C-0001 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Standard Order Codes – Amber
Order Code
Bins
DWL (nm)
Luminous Flux (lm)
Min.
Max.
Min.
Max.
XL4550AMB-L100-0001
ALL
585
595
ALL
XL4550AMB-L100-0002
2
585
595
10.7
13.9
Standard Bins – Amber
XL4550AMB-Xxxx-A2-G-0001
XL4550AMB-Xxxx-A3-G-0001
XL4550AMB-Xxxx-A2-F-0001
XL4550AMB-Xxxx-A3-F-0001
XL4550AMB-Xxxx-A2-E-0001
XL4550AMB-Xxxx-A3-E-0001
Dominant Wavelength (nm)
Standard Order Codes – Red
Order Code
Bins
DWL (nm)
Luminous Flux (lm)
Min.
Max.
Min.
Max.
XL4550RED-L100-0001
ALL
620
635
ALL
XL4550RED-L100-0011
9
620
635
8.2
18.1
Standard Bins – Red
XL4550RED-Xxxx-R2-G-0001
XL4550RED-Xxxx-R3-G-0001
XL4550RED-Xxxx-R4-G-0001
XL4550RED-Xxxx-R2-F-0001
XL4550RED-Xxxx-R3-F-0001
XL4550RED-Xxxx-R4-F-0001
XL4550RED-Xxxx-R2-E-0001
XL4550RED-Xxxx-R3-E-0001
XL4550RED-Xxxx-R4-E-0001
XL4550RED-Xxxx-R2-D-0001
XL4550RED-Xxxx-R3-D-0001
XL4550RED-Xxxx-R4-D-0001
Dominant Wavelength (nm)
18.1
13.9
10.7
8.2
585
590
595
18.1
13.9
10.7
8.2
6.3
620
625
635
630
Copyright © 2004-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo and XLamp are registered trademarks of Cree, Inc.
4
CLD-AP0.00
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp


Similar Part No. - XL4550BLU-XXXX-B4-C-0001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL4501 ETC2-XL4501 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
XLSEMI
XL4501 XLSEMI-XL4501 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
List of Unclassifed Man...
XL4501E1 ETC2-XL4501E1 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
XLSEMI
XL4501E1 XLSEMI-XL4501E1 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
More results

Similar Description - XL4550BLU-XXXX-B4-C-0001

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
logo
Cree, Inc
MX3AWT-A1-0000-000B51 CREE-MX3AWT-A1-0000-000B51 Datasheet
1Mb / 17P
   XLamp짰 MX-3 LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com