Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XREROY-L1-0000-003F4 Datasheet(PDF) 10 Page - Cree, Inc

Part # XREROY-L1-0000-003F4
Description  XLamp XR-E and XR-C LED Binning and Labeling
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XREROY-L1-0000-003F4 Datasheet(HTML) 10 Page - Cree, Inc

Back Button XREROY-L1-0000-003F4 Datasheet HTML 3Page - Cree, Inc XREROY-L1-0000-003F4 Datasheet HTML 4Page - Cree, Inc XREROY-L1-0000-003F4 Datasheet HTML 5Page - Cree, Inc XREROY-L1-0000-003F4 Datasheet HTML 6Page - Cree, Inc XREROY-L1-0000-003F4 Datasheet HTML 7Page - Cree, Inc XREROY-L1-0000-003F4 Datasheet HTML 8Page - Cree, Inc XREROY-L1-0000-003F4 Datasheet HTML 9Page - Cree, Inc XREROY-L1-0000-003F4 Datasheet HTML 10Page - Cree, Inc XREROY-L1-0000-003F4 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and XLamp are registered trademarks of Cree, Inc.
0
CLD-AP2.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Standard Order Codes and Bins (XR-E Neutral and Warm White)
The following tables list standard kit numbers and performance bins. Kit numbers completely describe an order code’s
chromaticity regions and luminous flux range.
XLamp XR-E LED Standard Order Codes - White
Minimum Luminous Flux
(lm) @ 50 mA
Chromaticity Regions
Kit Number
Group
Flux (lm)
Neutral White (3700 K – 5000 K)
N4
62.0
3A, 3B, 3C, 3D
006E3
3C, 3D, 4A, 4B
006F4
4A, 4B, 4C, 4D
006E4
4C, 4D, 5A, 5B
006F5
5A, 5B, 5C, 5D
006E5
5C, 5D, 6A, 6B
006F6
P2
67.2
3A, 3B, 3C, 3D
007E3
3C, 3D, 4A, 4B
007F4
4A, 4B, 4C, 4D
007E4
4C, 4D, 5A, 5B
007F5
5A, 5B, 5C, 5D
007E5
5C, 5D, 6A, 6B
007F6
P3
73.9
3A, 3B, 3C, 3D
008E3
3C, 3D, 4A, 4B
008F4
4A, 4B, 4C, 4D
008E4
4C, 4D, 5A, 5B
008F5
5A, 5B, 5C, 5D
008E5
5C, 5D, 6A, 6B
008F6
Warm White (2600 K – 3700 K)
N3
56.8
6A, 6B, 6C, 6D
005E6
6C, 6D, 7A, 7B
005F7
7A, 7B, 7C, 7D
005E7
7C, 7D, 8A, 8B
005F8
8A, 8B, 8C, 8D
005E8
N4
62.0
6A, 6B, 6C, 6D
006E6
6C, 6D, 7A, 7B
006F7
7A, 7B, 7C, 7D
006E7
7C, 7D, 8A, 8B
006F8
8A, 8B, 8C, 8D
006E8
For other flux and chromaticity combinations, contact Cree or an authorized distributor.


Similar Part No. - XREROY-L1-0000-003F4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XREROY-L1-0000-00701 CREE-XREROY-L1-0000-00701 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XREROY-L1-0000-00801 CREE-XREROY-L1-0000-00801 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XREROY-L1-0000-00801 CREE-XREROY-L1-0000-00801 Datasheet
1Mb / 14P
   XLamp XR-E LED
XREROY-L1-0000-00901 CREE-XREROY-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
XREROY-L1-0000-00A01 CREE-XREROY-L1-0000-00A01 Datasheet
1Mb / 14P
   XLamp XR-E LED
More results

Similar Description - XREROY-L1-0000-003F4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
XRCWHT-L1-0000-00501 CREE-XRCWHT-L1-0000-00501 Datasheet
1Mb / 16P
   XLamp XR-C LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
logo
Ledil, Inc.
FA10739 LEDIL-FA10739 Datasheet
2Mb / 4P
   ~32째 medium beam designed for CREE XR-E.
C10924 LEDIL-C10924 Datasheet
765Kb / 4P
   Oval beam for area lighting optimized for CREE XM-L and XR-E
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com