Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM3-96AV53H Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WM3-96AV53H
Description  Energy Management Modular Smart Power Quality Analyzer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM3-96AV53H Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WM3-96AV53H Datasheet HTML 2Page - List of Unclassifed Manufacturers WM3-96AV53H Datasheet HTML 3Page - List of Unclassifed Manufacturers WM3-96AV53H Datasheet HTML 4Page - List of Unclassifed Manufacturers WM3-96AV53H Datasheet HTML 5Page - List of Unclassifed Manufacturers WM3-96AV53H Datasheet HTML 6Page - List of Unclassifed Manufacturers WM3-96AV53H Datasheet HTML 7Page - List of Unclassifed Manufacturers WM3-96AV53H Datasheet HTML 8Page - List of Unclassifed Manufacturers WM3-96AV53H Datasheet HTML 9Page - List of Unclassifed Manufacturers WM3-96AV53H Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Specifications are subject to change without notice
WM3-96DS260606
WM3-96
Management concept (multi-time)
(a)
(b)
(c)
Analysis principle
FFT
Harmonic measurement
Current
Up to 50th harmonic
Voltage
Up to 50th harmonic
Type of harmonics
THD (VL1)
THD odd (VL1)
THD even (VL1)
and also for the other phases:
L2, L3.
THD (IL1)
THD odd (IL1)
THD even (IL1)
and also for the other phases:
L2, L3.
Harmonic phase angle
The instrument measures the
angle between the single har-
monic of “V” and the single
harmonic of “I” of the same
order. According to the value
of the electrical angle, it is
possible to know if the distor-
tion is absorbed or generated.
Note: if the system has 3
wires the angle cannot be
measured.
Harmonic details
For every THD page it is pos-
sible to see the harmonic
order.
Display pages
The harmonics content is
displayed as a graph showing
the whole harmonic spectrum.
The information is given also
as numerical information:
THD in % / RMS value
THD odd in % / RMS value
THD even in % / RMS value
single harmonic in % / RMS
value
Others
The harmonic distortion
can be measured in
2-wire, 3-wire or 4-wire
systems.
Tw: 0.02
Harmonic distortion analysis
Time periods
Selectable: single time,
dual time and multi-time
Single time
Number of energy meters
Total: 4 (9-digit)
(no partial meters)
Dual time
Number of energy meters
Total: 4 (9-digit)
Partial: 8 (6-digit)
Time periods
2, programmable within
24 hours
Multi time
Number of energy meters
Total: 4 (9-digit)
Partial: 48 (6-digit)
Time periods
4, programmable
within 24 hours
Time seasons
3, programmable within
12 months
Pulse outputs
Connectable to total and
partial energy meters (Single
time, dual time, multi time
periods)
Energy metering recording
Energy consumption story,
recording of energy metering
by months, oldest data: 2
months before current month.
Recording of total and partial
energy metering
Energy time period management
+Wh, +VArh, –Wh, -VArh
max. 4
Time period (24 hours)
max. 3
Season (12 months)
Partial: up to 48 energy meters (axbxc)
Total: up to 4 energy meters (“a” type)
Example of Multi-time energy metering
trf
trf
end
end
start
start
WINTER
WINTER
1
1
OO:OO
OO:OO O6:OO
O6:OO
2
2
O6:OO
O6:OO O8:OO
O8:OO
3
3
O8:OO
O8:OO 1O:OO
1O:OO
TARIFF
TARIFF
1
1
trf1
24
6
12
18
2
4
8
10
14
16
20
22
trf2
trf2
trf3
trf3
trf4
trf1
trf
trf
WINTER
WINTER
2
2
1O:OO
1O:OO 16:OO
16:OO
3
3
16:OO
16:OO 18:OO
18:OO
4
4
18:OO
18:OO 21:OO
21:OO
TARIFF
TARIFF
1
1
1
1
21:OO
21:OO OO:OO
OO:OO
start
start end
end


Similar Part No. - WM3-96AV53H

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
WM30AV43H CARLOGAVAZZI-WM30AV43H Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
WM30AV43L CARLOGAVAZZI-WM30AV43L Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
WM30AV53H CARLOGAVAZZI-WM30AV53H Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
logo
NHP Electrical Engineer...
WM30AV53H NHP-WM30AV53H Datasheet
754Kb / 1P
   WM30 BASE METER
10 October 2022,
More results

Similar Description - WM3-96AV53H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
logo
List of Unclassifed Man...
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
Carlo Gavazzi Holding A...
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
logo
List of Unclassifed Man...
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
   Energy Management Modular Power Analyzers
logo
Carlo Gavazzi Holding A...
VMU-E CARLOGAVAZZI-VMU-E Datasheet
347Kb / 11P
   Energy Management Modular DC Energy analyzer Type VMU-E and VMU-X
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
   Energy Management Energy Analyzer Type EM210 MID
logo
List of Unclassifed Man...
EM24DIN ETC2-EM24DIN Datasheet
731Kb / 15P
   Energy Management Energy Analyzer Type EM24 DIN
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
   Energy Management Energy Analyzer Type EM26 96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com