Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS00-98273 Datasheet(PDF) 1 Page - Bi technologies

Part # HS00-98273
Description  10Base Networking Products
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HS00-98273 Datasheet(HTML) 1 Page - Bi technologies

  HS00-98273 Datasheet HTML 1Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
121
DRAFT
• Meets the required 1500 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoH
R
R
S Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

Electrical / Environmental
10Base Networking Products
RoHS
Compliant
for
‘LF’ Models
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HS92-02085TR or HS92-02085LFTR
(for RoHS Compliant)
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS92-02085LF or HS92-02085LFTR (for Tape & Reel)
(3) Contact BI Technologies for RoHS compliant part availability.
(4) Tube Packaging only.
DRAFT
DRAFT
(5) IC to Cable side: C is Common Mode Choke, F is Low Pass Filter and T is Transformer
DRAFT
DRAFT
(6) Turns Ratio is IC to Cable side
(7) Operating Temperature Range: -40°C ~ +105°C
Specifications
Pitch
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
50 mil
50 mil
50 mil
50 mil
50 mil
BI P/N1
HS00-00041
HS00-000787
HS00-00205
HS00-01005
HS00-01107
HS00-02014
HS00-98029
HS00-99118
HS92-00223
HS92-01001
HS92-02085
HS92-05158
HS92-05171
HS92-06143
HS92-98703
HS92-A1041
HS00-01015
HS00-01534
HS00-04133
HS00-05156
HS00-A1073
HS92-03028
HS92-05168
HS00-000994
HS00-030924
HS00-982714
HS00-982734
HS00-991504
HS00-000444
HS00-01111
HS00-98260
HS00-98261
HS00-98262
HS00-98263
Ports
Supported
1
1
1
1
1
1
1
1
1
1
1
1
4(Rx)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
4
4
4
4
4
Tx
T, C
T, C
T, C
T
T
T,C
T
T, C
T, C
T, C
T
T, C
-
T, C
T, C
T, C
F, T, C
F, T, C
F, T, C
F, T, C
T, C
F, T, C
F, T, C
F, T, C
F, T, C
F, T, C
F, T, C
F, T, C
F, T, C
T, C
T
T, C
T, C
T
Rx
T
T, C
T, C
T
T
T,C
T
T
T, C
T, C
T
T
T
T
T, C
T, C
F, T, C
F, T, C
F, T
F, T
T, C
F, T, C
F, T, C
F, T, C
F, T, C
F, T
F, T
F, T, C
F, T, C
T
T
T
T
T
Configuration5
Tx
1CT:
√2CT
1CT:1CT
1CT:2CT
1CT:
√2CT
1CT:1CT
1CT:1CT
1CT:2CT
1CT:2CT
1CT:2CT
1CT:
2.5CT
1CT:
√2CT
2CT:1CT
-
1CT:2CT
1CT:2CT
1CT:2.5CT
1CT:1CT
1CT:1CT
1CT:1
1CT:1CT
1:
√2
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1:1
ICT:1CT
1CT:
√2CT
1CT:
√2CT
1CT:1CT
1CT:1CT
Rx
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1:1
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1
1CT:1CT
1:1
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1:1
1:1
1:1
1:1
1:1
1:1
Turns Ratio6
RoHS2
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
3
LF
LF
3
3
3
3
3
3
LF
LF
LF
LF
LF
Style
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin DIL
16-pin DIL
16-pin DIL
16-pin DIL
16-pin DIL
10-pin SIL
40-pin SMT
40-pin SMT
40-pin SMT
40-pin SMT
40-pin SMT
Length
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
25.40
25.40
25.40
25.40
23.37
25.40
25.40
20.20
25.40
20.20
20.20
20.20
25.40
29.80
29.80
29.80
29.80
29.80
Width
9.65
9.65
9.65
9.40
9.65
9.65
9.65
9.35
9.53
9.40
9.65
9.53
9.53
9.53
9.53
9.65
12.70
12.70
12.70
12.70
13.20
12.70
12.70
10.18
10.50
10.18
10.18
10.18
5.33
16.26
16.26
16.26
16.26
16.26
Height
6.22
6.22
6.22
5.08
6.22
6.22
6.22
6.22
6.22
5.08
6.22
5.08
5.08
6.22
6.22
6.22
7.00
7.00
7.00
7.00
6.35
7.00
7.00
6.50
6.35
6.50
6.50
6.50
11.43
6.95
6.95
6.95
6.95
6.95
Hi-Pot
(Vrms)
1500
1500
2000
1500
2000
1500
1500
1500
1500
2000
2000
1500
1500
1500
1500
2000
1500
1500
1500
1500
1500
1500
1500
2000
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
Package (mm)


Similar Part No. - HS00-98273

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS00-98272 ETC1-HS00-98272 Datasheet
147Kb / 2P
   e10/100Base Networking Products
logo
Bi technologies
HS00-98274 BITECH-HS00-98274 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
More results

Similar Description - HS00-98273

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS00 BITECH-HS00 Datasheet
405Kb / 3P
   Gigabit Ethernet Networking Products
logo
List of Unclassifed Man...
HS91 ETC1-HS91 Datasheet
147Kb / 2P
   e10/100Base Networking Products
logo
XFMRS Inc.
XF6001 XFMRS-XF6001 Datasheet
44Kb / 1P
   HOME PHONE NETWORKING BANDPASS AND 10BASE-T FILTER
XF6001 XFMRS-XF6001 Datasheet
44Kb / 1P
   HOME PHONE NETWORKING BANDPASS AND 10BASE-T FILTER
logo
Abracon Corporation
ARJE-0051 ABRACON-ARJE-0051 Datasheet
1Mb / 4P
   Networking equipment
09/26/2016
logo
NXP Semiconductors
S32G3 NXP-S32G3 Datasheet
1Mb / 131P
   FlexRay networking with high data rate Ethernet networking
Rev. 2 - 02/2023
logo
Integrated Circuit Syst...
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
logo
Bud Industries, Inc.
UN-8080 BUD-UN-8080 Datasheet
120Kb / 1P
   UNIVERSAL NETWORKING CABINET
logo
Tyco Electronics
TR600-150QF-EX-B-0.5 MACOM-TR600-150QF-EX-B-0.5 Datasheet
327Kb / 22P
   Telecommunications & Networking Devices
logo
Micro Linear Corporatio...
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
   10BASE-FL to 10BASE-T Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com