Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM22-DINAV4CXA1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WM22-DINAV4CXA1
Description  Energy Management Power Analyzer with plug-in Output Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM22-DINAV4CXA1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WM22-DINAV4CXA1 Datasheet HTML 1Page - List of Unclassifed Manufacturers WM22-DINAV4CXA1 Datasheet HTML 2Page - List of Unclassifed Manufacturers WM22-DINAV4CXA1 Datasheet HTML 3Page - List of Unclassifed Manufacturers WM22-DINAV4CXA1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WM22-DINAV4CXA1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WM22-DINAV4CXA1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WM22-DINAV4CXA1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WM22-DINAV4CXA1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WM22-DINAV4CXA1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Specifications are subject to change without notice
WM22-DINDS1003
3
2000 VRMS between output
and power supply input
RS422/RS485 (on request)
AR2950 module
Type
Multidrop
bidirectional (static and
and dynamic variables)
Connections
2 or 4 wires, max. distance
1200m, termination directly
on the module
Addresses
255, selectable by key-pad
Protocol
MODBUS/JBUS
Data (bidirectional)
Dynamic (reading only)
Phase and system variables:
see table “Display pages”
Static (writing only )
All the programming data,
reset of energy, activation of
static output.
Stored energy (EEPROM)
max. 19.999.999 kWh/kvarh
Data format
1 start bit, 8 data bit,
no parity, 1 stop bit
Baud-rate
9600 bit/s
Insulation
By means of optocouplers,
2000 VRMS output
to measuring inputs
2000 VRMS output to
supply input
Digital outputs (on request)
AO2900 module
To be used as alarm, energy
retransmission, or remote
static outputs.
Three working modes are
selectable:
• two pulse outputs
(kWh and kvarh);
• one alarm output and
one pulse output
(kWh or kvarh)
• one output remotely con-
trolled by means of the
serial port and one pulse
output (kWh or kvarh)
Pulse outputs
Number of outputs
2
Number of pulses
From 0.01 to 100 pulses
programmable according
to the selected CT and VT
ratios
Output type
Open collector (transistor NPN)
VON 1.2 VDC / max. 100 mA
VOFF 30 VDC max.
Pulse duration
220 ms (ON),
≥ 220 ms (OFF)
According to DIN43864
Insulation
By means of optocouplers,
2000 VRMS outputs to
measuring inputs,
2000 VRMS output to
supply input.
Insulation between the two
outputs: functional
Alarm output
Number of outputs
1
Alarm type
Up alarm, down alarm
phase asymmetry, phase
loss.
Setpoint adjustment
0 to 100% of the electrical
scale
Hysteresis
0 to 100% of the electrical
scale
On-time delay
0 to 255 seconds
Response time
system variables
V, W, VA, var, PF (cos
ϕ)
FFT off, filter off
700ms
FFT on, filter on
1.2s
variables
THD-V, THD-A
Filter off
3s
Output type
Open collector (transistor NPN)
VON 1.2 VDC / max. 100 mA
VOFF 30 VDC max.
Insulation
By means of optocouplers,
2000 VRMS output to
measuring input,
2000 VRMS output to
supply input.
Insulation between the two
outputs: functional
AO2910 module
Relay + open collector
output. Working mode like
AO2900.
Pulse output
One static output+one relay
output, other characteristics
like AO2900.
Alarm output
Only relay output, other
characteristics like AO2900.
Output type
Static type like module
AO2900;
Relay type: SPDT,
AC1, AC15: 1AAC @250VAC
Insulation
By means of optocouplers,
2000 VRMS outputs to
measuring inputs,
2000 VRMS output to
supply input.
Insulation between the two
outputs: 2000 VRMS
Interface module specifications (cont.)
WM22-DIN


Similar Part No. - WM22-DINAV4CXA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM220-1 ETC1-WM220-1 Datasheet
219Kb / 1P
   Multiple Output Regulated Power Supplies
logo
Molex Electronics Ltd.
WM2297CT MOLEX11-WM2297CT Datasheet
84Kb / 2P
   TERMINAL, PIN, .093/(2.36) DIA., CRIMP
More results

Similar Description - WM22-DINAV4CXA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM3-DINAV9 ETC2-EM3-DINAV9 Datasheet
94Kb / 4P
   Energy Management Energy Meter with plug-in Output Modules
EM4-DINAV53 ETC2-EM4-DINAV53 Datasheet
203Kb / 8P
   Energy Management Energy Meter with plug-in Output Modules
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
   Energy Management Energy Analyzer Type EM210 MID
logo
List of Unclassifed Man...
EM24DIN ETC2-EM24DIN Datasheet
731Kb / 15P
   Energy Management Energy Analyzer Type EM24 DIN
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
   Energy Management Energy Analyzer Type EM26 96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com