Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM3-DINAV23DR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EM3-DINAV23DR
Description  Energy Management Energy Meter with plug-in Output Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM3-DINAV23DR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EM3-DINAV23DR Datasheet HTML 1Page - List of Unclassifed Manufacturers EM3-DINAV23DR Datasheet HTML 2Page - List of Unclassifed Manufacturers EM3-DINAV23DR Datasheet HTML 3Page - List of Unclassifed Manufacturers EM3-DINAV23DR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications are subject to change without notice
EM3-DINDS240806
Available models and modules
Pulse outputs (on request)
AO2900, slot A
Number of outputs
2
Pulse outputs to be used as
retransmission of the
energies:
Channel 1
active energy
Channel 2
reactive energy
Number of pulses
10 / kWh, 10 / kvarh
Type
Open collector (NPN transistor)
VON 1.2VDC / max 100mA
VOFF 30VDC max
Pulse duration
220ms (ON),
≥200ms (OFF)
according to DIN43864
Leakage current
≤10µA, @ 30V, 60°C
Insulation
By means of optocouplers,
2000Vrms for 1 minute
between measuring inputs
and pulse outputs.
Insulation between the two
outputs: functional
AO2910 module
Relay + open collector
output. Working mode like
AO2900.
Pulse output
One static output+one relay
output, other characteristics
like AO2900.
Output type
Static type like module
AO2900; Relay type: SPDT,
AC1, AC15: 1AAC @250VAC
Insulation
2000 VRMS outputs to
measuring inputs,
2000 VRMS output to
supply input.
Insulation between the two
outputs: 2000 VRMS
EM3-DIN
Output specifications
Self power supply
400VAC VL-L
-20% +15% 50-60Hz
208VAC VL-L
-20% +15% 50-60Hz
220VAC VL-L
-10+15%, 50-60Hz
Auxiliary power supply
230VAC -15+10% 50-60Hz
115VAC -15+10% 50-60Hz
Power supply specifications
Standards
Metrology
EN61036, EN61268
Safety
IEC-664
Pulse output
DIN 43864
Connections
Screw-type,
Cable cross-section area
Max. 35 mm2 (measuring inputs)
Min. 6 mm2 (measuring inputs)
Other inputs: 4 mm2
Min./Max. screws tightening torque 2 Nm / 6 Nm (90A inputs)
Housing
Dimensions
162.5 x 90 x 63 mm
Material
ABS, NORYL,
PC self-extinguishing
Mounting
DIN-rail or wall
Degree of protection
Front: IP40
Screw terminals: IP20
Weight
Approx. 800 g
(packing included)
Operating temperature
-20 to +55°C (14°F to 131°F)
(R.H. from 0 to 90%
non-condensing @ 40°C)
according to EN61036
and EN61268
Storage temperature
-20 to +70°C (14°F to 140°F)
Dielectric strength
4000Vrms for 1 minute
Installation category
Cat. lll (IEC 664)
EMC
Burst
4kV / level 4 (EN61000-4-4)
Immunity to irradiated
electromagnetic fields
10V/m from 26 to 1000MHz
(EN61000-4-3)
Electrostatic discharges
15kV (EN61000-4-2)
Radio frequency emissions
according to CISPR 14
and CISPR 22
Pulse voltage (1.2/50µs)
8kV (EN61000-4-5)
General specifications
Type
Inputs
Power
Number of
Ordering
Supply
channels
code
EM3-DIN AV9.3.X
400VL-L / 20(90)AAC
Self power supply
AE2000
EM3-DIN AV8.3.X
208VL-L / 20(90)AAC
Self power supply
AE2001
EM3-DIN AV2.3.X
220VL-L / 20(90)AAC
Self power supply
AE2004
EM3-DIN AV3.3.C
660VL-L / 20(90)AAC
115VAC - 15+10%
AE2002
EM3-DIN AV3.3.D
660VL-L / 20(90)AAC
230VAC - 15+10%
AE2003
Open collector output
2
AO2900
Relay + open coll. output
2
AO2910


Similar Part No. - EM3-DINAV23DR

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
EM30-AP6X2-H1141/S1102 TURCK-EM30-AP6X2-H1141/S1102 Datasheet
1,002Kb / 2P
   Signal Processor – For Inductive Sensor up to 250 °C
11/07/2023
logo
EPCOS
EM3000XS EPCOS-EM3000XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
EM300X EPCOS-EM300X Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
EM300XS EPCOS-EM300XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
logo
EM Microelectronic - MA...
EM3027 EMMICRO-EM3027 Datasheet
593Kb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
More results

Similar Description - EM3-DINAV23DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4-DINAV53 ETC2-EM4-DINAV53 Datasheet
203Kb / 8P
   Energy Management Energy Meter with plug-in Output Modules
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
WM22-DIN ETC2-WM22-DIN Datasheet
244Kb / 10P
   Energy Management Power Analyzer with plug-in Output Modules
logo
Carlo Gavazzi Holding A...
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
logo
List of Unclassifed Man...
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
logo
Teridian Semiconductor ...
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com