Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF2-230RSI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MPF2-230RSI
Description  Photoelectrics Through-beam System, Relay Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPF2-230RSI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MPF2-230RSI Datasheet HTML 1Page - List of Unclassifed Manufacturers MPF2-230RSI Datasheet HTML 2Page - List of Unclassifed Manufacturers MPF2-230RSI Datasheet HTML 3Page - List of Unclassifed Manufacturers MPF2-230RSI Datasheet HTML 4Page - List of Unclassifed Manufacturers MPF2-230RSI Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice (12.09.2005)
3
Tv
Toff
Ton
Ton
Operation Diagram
Output contact closed
Object present
Power supply
Wiring Diagrams
MPFRS
EMITTER
OUT 3
OUT 1+2
TEST
RECEIVER
3
1
2
2
1
3
SUPPLY
230 V
13 14 15 16 17 18 19 20
21 22 23 24
1
2
3
4
5
6
7
8
9
10 11 12
+
-
+
TP
TP
250 VAC
30 VDC
Max. 2 A
TEST
23
24
AC/DC
TEST
23
24
AC/DC
TEST
23
24
DC
TEST
23
24
DC
Test input make, shown for 912 version
Test input make, shown for 115/230 version
OUT 3
TEST
3
1
2
2
1
3
13 14 15 16 17 18 19 20
21 22 23 24
1
2
3
4
5
6
7
8
9
10 11 12
+
TP
TP
250 VAC
30 VDC
Max. 2 A
1)
2)
2)
1)
EMITTER
RECEIVER
RD
RD
BK
RD
BK
BK
BU
BK
BU
BU
SUPPLY
115/230 V
OUT 2
1
Test input break, shown for 115/230 version
TEST
23
24
DC
TEST
23
24
DC
Test input break, shown for 912 version
1) Not MPF1 and MPF2
2) Not MPF1
1) Not MPF1 and MPF2
2) Not MPF1
TEST
23
24
AC/DC
TEST
23
24
AC/DC


Similar Part No. - MPF2-230RSI

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MPF240D4 CRYDOM-MPF240D4 Datasheet
517Kb / 4P
   PCB Mount
MPF240D4 CRYDOM-MPF240D4 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
MPF240D4R CRYDOM-MPF240D4R Datasheet
517Kb / 4P
   PCB Mount
MPF240D4R CRYDOM-MPF240D4R Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Motorola, Inc
MPF256 MOTOROLA-MPF256 Datasheet
69Kb / 2P
   JFET AMPLIFIER
More results

Similar Description - MPF2-230RSI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ET1820 ETC2-ET1820 Datasheet
87Kb / 3P
   Photoelectrics Through-beam Nickel-plated Brass Housing
APA18-AK ETC2-APA18-AK Datasheet
108Kb / 1P
   Photoelectrics Accessories Aperture Kit for Through Beam Sensors
logo
Contrinex AG Industrial...
LLR-C12PA-NMK-304 CONTRINEX-LLR-C12PA-NMK-304 Datasheet
254Kb / 6P
   THROUGH-BEAM
LLR-M18PA-NMS-101 CONTRINEX-LLR-M18PA-NMS-101 Datasheet
462Kb / 6P
   THROUGH-BEAM
LLR-C23PA-NMK-400 CONTRINEX-LLR-C23PA-NMK-400 Datasheet
461Kb / 6P
   THROUGH-BEAM
LLR-C23PA-NMK-603 CONTRINEX-LLR-C23PA-NMK-603 Datasheet
461Kb / 6P
   THROUGH-BEAM
LLR-C23PA-NMS-302 CONTRINEX-LLR-C23PA-NMS-302 Datasheet
461Kb / 6P
   THROUGH-BEAM
LLR-C12PA-NMK-300 CONTRINEX-LLR-C12PA-NMK-300 Datasheet
254Kb / 6P
   THROUGH-BEAM
LLR-C23PA-NMK-60D CONTRINEX-LLR-C23PA-NMK-60D Datasheet
461Kb / 6P
   THROUGH-BEAM
LLR-M18PA-NMS-400 CONTRINEX-LLR-M18PA-NMS-400 Datasheet
462Kb / 6P
   THROUGH-BEAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com