Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B121220006 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B121220006
Description  Timers Delay on Release
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B121220006 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B121220006 Datasheet HTML 1Page - List of Unclassifed Manufacturers B121220006 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (25.10.99)
1
Timers
Mono-function, plug-in, delay
on release, miniature time re-
lays up to 60 s covering 2
individual time ranges. These
economical timers are often
used to switch on an exhaust
fan and keep it running for a
certain period of time after
disconnection of power sup-
ply.
Plug
Output
Time ranges
Supply: 24 VAC
Supply: 120 VAC
Supply: 220 VAC
Supply: 24 VDC
Circular
SPDT
0.15 -
6 s
B 128 024 006
B 128 120 006
B 128 220 006
B 128 724 006
8 pins
1.5 - 60 s
B 128 024 060
B 128 120 060
B 128 220 060
B 128 724 060
Circular
SPDT
0.15 -
6 s
B 121 024 006
B 121 120 006
B 121 220 006
B 121 724 006
11 pins
1.5 - 60 s
B 121 024 060
B 121 120 060
B 121 220 060
B 121 724 060
Time ranges
0.15 -
6 s
1.5
-
60 s
Time range accuracy
0 to +20% on max.
min. actual time
≤ min.
set time
Repeatability deviation
≤ 1%
Time variation
Within rated power supply
≤ 0.05%/V
and ambient temperature
≤ 0.2%/°C
Reset
Power supply interruption
Time and/or relay
≥ 500 ms
Output
SPDT relay
Basic electrical insulation
250 VAC (rms)
(contact/electronics)
Contact ratings (AgCdO)
µ (micro gap)
Resistive loads
AC 1
10 A/250VAC (2500 VA)
DC 1
1 A/250 VDC (250 W)
or
10 A/25 VDC (250 W)
Small inductive loads AC 15
2.5 A/230 VAC
DC 13
5 A/24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
AC 1
≥ 2.5 x 105 operations
(at max. load)
Operating frequency
≤ 7200 operations/h
Insulation voltages
Rated insulation voltage
≥ 2.0 kVAC (rms) (cont./elec.)
Rated transient protection volt. 4 kV (1.2/50 µs) (cont./elec.)
(IEC 60664)
Function
Output
Type
Power supply
Time range
• Time ranges: 0.15 s to 60 s
• Automatic start after drop out of power supply
• Knob-adjustable time within range
• Repeatability deviation:
≤ 1%
• Output: 10 A SPDT relay
• Plug-in type module
• Scantimer housing
• LED-indication for supply on
• AC or DC power supply
Delay on Release
Types B 128, B 121
Ordering Key
Product Description
Type Selection
Time Specifications
Output Specifications
B 128 220 006


Similar Part No. - B121220006

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1212(X)T-1W MORNSUN-B1212(X)T-1W Datasheet
177Kb / 5P
   DC/DC Converter
B1212(X)T-2W MORNSUN-B1212(X)T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
B1212(X)T-2W MORNSUN-B1212(X)T-2W Datasheet
530Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
B1212D-1W REICU-B1212D-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B1212D-1WR2 MORNSUN-B1212D-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
More results

Similar Description - B121220006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBA02CM24 ETC2-DBA02CM24 Datasheet
89Kb / 3P
   Timers Delay on Release
logo
Carlo Gavazzi Holding A...
DBA52 CARLOGAVAZZI-DBA52 Datasheet
68Kb / 2P
   Timers Delay on Release
DBA02 CARLOGAVAZZI-DBA02 Datasheet
91Kb / 3P
   Timers Delay on Release
logo
List of Unclassifed Man...
DBB01C724 ETC2-DBB01C724 Datasheet
97Kb / 3P
   Timers True delay on release
EBECT2310H ETC2-EBECT2310H Datasheet
40Kb / 2P
   Timers Interval, Delay on Release
logo
Carlo Gavazzi Holding A...
DBB51 CARLOGAVAZZI-DBB51 Datasheet
70Kb / 2P
   Timers True Delay on Release
DBB02 CARLOGAVAZZI-DBB02 Datasheet
124Kb / 3P
   Timers True delay on release
DBB01 CARLOGAVAZZI-DBB01 Datasheet
109Kb / 3P
   Timers True delay on release Types
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
   Timers Delay on Operate
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com