Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDM35LSESYR1HTX Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # UDM35LSESYR1HTX
Description  Digital Panel Meters Modular Indicator and Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UDM35LSESYR1HTX Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  UDM35LSESYR1HTX Datasheet HTML 1Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 2Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 3Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 4Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 5Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 6Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 7Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 8Page - List of Unclassifed Manufacturers UDM35LSESYR1HTX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Specifications are subject to change without notice
UDM35DS 040706
5
UDM35
Diagnostics
The display flashes when the
limits of the display range
are exceeded and the data
are updated up to 20%
of the rated display range.
Burn-out:
Only temperature inputs.
TC
Opening of probe’s
connection: EEE indication
RTD
Opening of probe’s
connection: EEE indication
probe’s short circuit:
-EEE indication.
Digital filter
Filter operating range
0 to 1999
Filtering coefficient
1 to 32
Display selection
3 1/2 DGT or 3 DGT plus
dummy zero
Scaling
Selection of min value
of the input range.
Selection of max value of
the input range.
Selection of decimal point
position.
Selection of min
displayable value.
Selection of max displayable
value.
UdmSoft
Software for programming
UDM35 by means of PC
(Windows 95, 98se, ME, XP)
by means of serial port
RS485 and relevant
connection cable.
The software is available in
English, Spanish, Italian,
German and French. See
also “Programming of
UDM35 by means of PC”.
Min / Max storage
Automatic storage
(in the EEPROM) of the
minimum and maximum
measured value from the
previous memory reset
Password
Numeric code max 4 dgt
2 levels of data protection.
1st level
0 to 4999 completely protected.
2nd level
5000 to 9999 access to
programming is protected .
Alarm set-points are directly
programmable from the
measuring mode.
Measurement selection
Depending on the module:
measuring range and type of
probe (resistance, RTD
thermoresitance,
TC thermocouple) or
measuring type (TRMS or DC).
Integration time selection
Automatic or from 100.0 to
999.9 ms only in the current
and voltage measurement.
Scaling factor
Operating mode
Electrical scale compression,
displayed scale
compression/expansion
(max. 2 without filter, up to
10 with filter)
Electrical range
Programmable within the
whole measuring range
Decimal point position
Programmable within the
display range
Displayed range of the variable Programmable within
the display range
Software functions
Safety Standards
Safety
EN 61010-1, IEC 61010-1
Connections
Screw type
Wire section
Max 2.5mm2
Housing
Dimensions
1/8 DIN, 48 x 96 x 105 mm
Material
PC-ABS,
self-extinguishing: UL 94 V-0
Protection degree
Front: IP67, NEMA4x
Connections: IP20
Weight
520 g approx (included all
modules and packing)
Approvals
CE, UR, CSA
Operating
0° to 50°C (32° to 122°F)
temperature
(R. H. < 90% non-condensing)
Storage
-10° to 60°C (14° to 140°F)
temperature
(R.H. < 90% non-condensing)
Insulation reference
300 V
RMS
to ground
voltage
(500V input)
Insulation
See table “Insulation between
inputs and outputs”
Dielectric strength
4000 V
RMS
for 1 minute
Rejection
NMRR
40 dB, 40 to 60 Hz
CMRR
100 dB, 40 to 60 Hz
EMC
EN61000-6-2, IEC61000-6-2
EN61000-6-3, IEC61000-6-3
General Specifications


Similar Part No. - UDM35LSESYR1HTX

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
UDM-1U APACER-UDM-1U Datasheet
2Mb / 4P
   Compliant with the standard USB, 20-pin Connector, Pin-Pitch B
UDM-1U-M APACER-UDM-1U-M Datasheet
2Mb / 4P
   Compliant with the standard USB, 20-pin Connector, Pin-Pitch B
UDM2A APACER-UDM2A Datasheet
1Mb / 4P
   USB2.0 flash disk module in a small form factor designed for embedded applications
UDM2A-LP-90D APACER-UDM2A-LP-90D Datasheet
1Mb / 4P
   USB2.0 flash disk module in a small form factor designed for embedded applications
UDM2A-M APACER-UDM2A-M Datasheet
1Mb / 4P
   USB2.0 flash disk module in a small form factor designed for embedded applications
More results

Similar Description - UDM35LSESYR1HTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UDM40 ETC2-UDM40 Datasheet
668Kb / 11P
   Digital Panel Meters Modular Indicator and Controller
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM35H CARLOGAVAZZI-LDM35H Datasheet
291Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM30AV1 CARLOGAVAZZI-LDM30AV1 Datasheet
128Kb / 4P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
logo
List of Unclassifed Man...
USC-DIN ETC2-USC-DIN Datasheet
399Kb / 12P
   Digital Panel Meters Modular signal conditioner
EDM35V1D41 ETC2-EDM35V1D41 Datasheet
218Kb / 7P
   Panel Meters and Controllers Panel Meter Modular
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
List of Unclassifed Man...
USCLSXSXR1AVHTX ETC2-USCLSXSXR1AVHTX Datasheet
402Kb / 12P
   Digital Panel Meters Modular signal conditioner Type USC-DIN
logo
Carlo Gavazzi Holding A...
LDI35CFD CARLOGAVAZZI-LDI35CFD Datasheet
66Kb / 3P
   Panel Meters and Controllers Temperature Meter/Controller
LDI35AV0 CARLOGAVAZZI-LDI35AV0 Datasheet
65Kb / 3P
   Panel Meters and Controllers Current and Voltage Meter/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com