Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQS24A1001GP7 Datasheet(PDF) 4 Page - Bi technologies

Part # NQS24A1001GP7
Description  .025??Pitch DIP Precision Thin Film Surface Mount Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

NQS24A1001GP7 Datasheet(HTML) 4 Page - Bi technologies

  NQS24A1001GP7 Datasheet HTML 1Page - Bi technologies NQS24A1001GP7 Datasheet HTML 2Page - Bi technologies NQS24A1001GP7 Datasheet HTML 3Page - Bi technologies NQS24A1001GP7 Datasheet HTML 4Page - Bi technologies NQS24A1001GP7 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-56
Model NQS Series
`
Standard: Magazine
All units oriented with lead #1 to the same side.
Magazine: Capacity
=
100 Units (16 Leads)
50 Units (20 and 24 Leads)
Option:
Embossed Tape & Reel (per EIA 481).
Reel:
Diameter
7” Reel
13” Reel
Capacity
=
1,000 Units
2,500 unit
PACKAGING
D
E
H
N/2
N
Pin #1
Indicator
S
A
A1
B
e
Seating
Plane
L
C
h x 45
°
Dim. A (Max.)
Dim. A1 (Max.)
Dim. B (Max.)
Dim. C (Max.)
Dim. D (Max.)
Dim. E (Max.)
Dim. e (Max.)
Dim. H (Max.)
Dim. h (Max.)
Dim. L (Max.)
Dim. S (Max.)
NQS16
0.068
1.727
0.008
0.203
0.012
0.305
0.0098
0.249
0.197
5.004
0.157
3.988
0.025
0.635
0.244
6.198
0.016
0.406
0.035
0.889
0.010
0.254
Model
NQS20
0.068
1.727
0.008
0.203
0.012
0.305
0.0098
0.249
0.345
8.763
0.157
3.988
0.025
0.635
0.244
6.198
0.016
0.406
0.035
0.889
0.06
1.524
NQS24
0.068
1.727
0.008
0.203
0.012
0.305
0.0098
0.249
0.345
8.763
0.157
3.988
0.025
0.635
0.244
6.198
0.016
0.406
0.035
0.889
0.035
0.889
8
°
OUTLINE DIMENSIONS (Inch/mm)


Similar Part No. - NQS24A1001GP7

ManufacturerPart #DatasheetDescription
logo
Bi technologies
NQS24 BITECH-NQS24 Datasheet
263Kb / 5P
   Improved performance over silicon substrates in stray capacitance, frequency response and stability
More results

Similar Description - NQS24A1001GP7

ManufacturerPart #DatasheetDescription
logo
Bi technologies
688 BITECH-688_12 Datasheet
351Kb / 4P
   Precision Thin Film .300??Dual In-Line Surface Mount Resistor Networks
694 BITECH-694 Datasheet
101Kb / 5P
   Dual In-Line Precision Thin Film Resistor Networks
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
   Thin Film Chip Resistor Networks
logo
RCD COMPONENTS INC.
CP081-10R0-BB RCD-CP081-10R0-BB Datasheet
65Kb / 1P
   PRECISION THIN FILM SIP NETWORKS
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
Bi technologies
SQS24H01FS13 BITECH-SQS24H01FS13 Datasheet
51Kb / 3P
   HSTL Termination Circuit Thin Film Resistor Networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com