Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM23-96AV53V2S1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # WM23-96AV53V2S1
Description  Energy Management Modular Power Quality Analyzer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM23-96AV53V2S1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button WM23-96AV53V2S1 Datasheet HTML 2Page - List of Unclassifed Manufacturers WM23-96AV53V2S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers WM23-96AV53V2S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WM23-96AV53V2S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WM23-96AV53V2S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WM23-96AV53V2S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WM23-96AV53V2S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WM23-96AV53V2S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers WM23-96AV53V2S1 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Specifications are subject to change without notice
WM23-96DS 080806
WM23-96
Wiring diagrams: digital input modules
Connection by
means of NPN
transistors.
Digital input
module:
AQ1042.
Connection by
means of con-
tacts.
Digital input
module:
AQ1042.
Connection by
means of con-
tacts.
Digital input
module:
AQ1038.
Connection by
means of PNP
transistors.
Digital input
module:
AQ1042.
Wiring diagrams (optional modules)
Open collector output connection.
This wiring diagram is valid also for the
open collector module with one output.
The load resistances (RC) must be
designed so that the close contact current
is lower than 100mA; the VDC voltage
must be lower than or equal to 30VDC.
4-wire connection of RS485 serial port
2-wire connection of RS485 serial port
2 relay outputs
1 relay outputs
1 analogue
output (V)
1 analogue
output (mA)
2 analogue
outputs (V)
2 analogue
outputs (mA)


Similar Part No. - WM23-96AV53V2S1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM2319 MOLEX11-WM2319 Datasheet
43Kb / 1P
   DISCREETE CABLE
WM2323CT MOLEX11-WM2323CT Datasheet
214Kb / 2P
   MINIFIT RECEPTACLE
WM2324TR MOLEX11-WM2324TR Datasheet
211Kb / 2P
   MINI FIT PIN
WM2327TR MOLEX11-WM2327TR Datasheet
47Kb / 1P
   PCB CRIMP PIN
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
More results

Similar Description - WM23-96AV53V2S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
logo
List of Unclassifed Man...
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
Carlo Gavazzi Holding A...
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
logo
List of Unclassifed Man...
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
   Energy Management Modular Power Analyzers
logo
Carlo Gavazzi Holding A...
VMU-E CARLOGAVAZZI-VMU-E Datasheet
347Kb / 11P
   Energy Management Modular DC Energy analyzer Type VMU-E and VMU-X
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
   Energy Management Energy Analyzer Type EM210 MID
logo
List of Unclassifed Man...
EM24DIN ETC2-EM24DIN Datasheet
731Kb / 15P
   Energy Management Energy Analyzer Type EM24 DIN
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
   Energy Management Energy Analyzer Type EM26 96
logo
ASM GmbH
3196 ASM-SENSOR-3196 Datasheet
1Mb / 12P
   POWER QUALITY ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com