Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS-A2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CLS-A2
Description  Safety magnetic sensors Magnetic units
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLS-A2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CLS-A2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-16
Specifications are subjected to change without notice (10.01.03)
Case
Plastic
Operating temperature
-25 ÷ +70 °C
Storage temperature
-25 ÷ +70 °C
Protection degree
IP 67
Specifications
Type Selection
Safety magnetic sensors
Magnetic units
CLS CLS-A2
• Multiple flux coded magnets
• Rectangular or cylindrical shape
Ordering Key
CLS-A2
The CLS coded magnet series
includes multiple flux rectan-
gular and cylindrical magnets
to be used toghether with
Product Description
SMS Safety magnetic sen-
sors.
Safety Magnetic sensor
Oher features
Body shape
Rectangular
Cylindrical
Dimensions
88 x 25 x 13 mm
Ø 25,1 x 9,3
Ordering no.
Multiple flux
CLS
CLS-A2
Dimensions


Similar Part No. - CLS-A2

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS-10 SUMIDA-CLS-10 Datasheet
36Kb / 1P
   General Power Transformer
logo
GREEGOO Electric Co.,Lt...
CLS-101 GREEGOO-CLS-101 Datasheet
1Mb / 3P
   CLS Limit switch
CLS-103 GREEGOO-CLS-103 Datasheet
1Mb / 3P
   CLS Limit switch
CLS-111 GREEGOO-CLS-111 Datasheet
1Mb / 3P
   CLS Limit switch
logo
Sumida Corporation
CLS-12 SUMIDA-CLS-12 Datasheet
128Kb / 1P
   General Power Transformer
More results

Similar Description - CLS-A2

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CLS CARLOGAVAZZI-CLS Datasheet
76Kb / 1P
   Safety magnetic sensors Magnetic units
01.02.2008
SMS03 CARLOGAVAZZI-SMS03 Datasheet
244Kb / 4P
   Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS10 CARLOGAVAZZI-SMS10 Datasheet
153Kb / 2P
   Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMSA2M02 CARLOGAVAZZI-SMSA2M02 Datasheet
119Kb / 3P
   Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors
SMS01 CARLOGAVAZZI-SMS01 Datasheet
191Kb / 3P
   Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMSA2P02 CARLOGAVAZZI-SMSA2P02 Datasheet
120Kb / 2P
   Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors Types SMSA2P02
MC36C CARLOGAVAZZI-MC36C Datasheet
1Mb / 8P
   Compact safety magnetic sensors
MC88C CARLOGAVAZZI-MC88C Datasheet
1Mb / 9P
   Rectangular safety magnetic sensors
ILUS2 CARLOGAVAZZI-ILUS2 Datasheet
79Kb / 2P
   Proximity Magnetic sensors Level Magnetic Sensors
logo
Balluff Korea Ltd.
BMF00N3 BALLUFF-BMF00N3 Datasheet
152Kb / 4P
   Magnetic Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com