Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8005AH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8005AH
Description  Low-power 3 V/5 V smart card coupler
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8005AH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8005AH Datasheet HTML 6Page - NXP Semiconductors TDA8005AH Datasheet HTML 7Page - NXP Semiconductors TDA8005AH Datasheet HTML 8Page - NXP Semiconductors TDA8005AH Datasheet HTML 9Page - NXP Semiconductors TDA8005AH Datasheet HTML 10Page - NXP Semiconductors TDA8005AH Datasheet HTML 11Page - NXP Semiconductors TDA8005AH Datasheet HTML 12Page - NXP Semiconductors TDA8005AH Datasheet HTML 13Page - NXP Semiconductors TDA8005AH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
1998 Mar 20
10
Philips Semiconductors
Preliminary specification
Low-power (3 V/5 V) smart card coupler
TDA8005A
Fig.4 Supply supervisor.
handbook, full pagewidth
MGL333
Vth(VDD) + Vhys(VthVDD)
Vth(VDD)
Vth(DELAY)
VDELAY
ALARM
VDD
Low impedance supply (pin LIS)
For some applications, it is mandatory that the contacts to
the card (VCC, RST, CLK and I/O) are low impedance while
the card is inactive and also when the coupler is not
powered. An auxiliary supply voltage on pin LIS ensures
this condition where ILIS ≤ 5 µA for VLIS = 5 V. This low
impedance situation is disabled when VCC starts rising
during activation, and re-enabled when the step-up
converter is stopped during deactivation. If this feature is
not required, the LIS pin must be tied to VDDD.
Step-up converter
Except for the VCC generator and the other cards contacts
buffers, the whole circuit is powered by VDDD and VDDA.
If the supply voltage is 3 or 5 V, then a higher voltage is
needed for the ISO contacts supply. When a card session
is requested by the controller, the sequencer first starts the
step-up converter, which is a switched capacitors type,
clocked by an internal oscillator at a frequency of
approximately 2.5 MHz. The output voltage Vstep-up is
regulated at approximately 6.5 V and then fed to the VCC
generator. VCC and DGND are used as a reference for all
other cards contacts.
The step-up converter may be chosen as a doubler or a
tripler by mask option, depending on the voltage and the
current needed on the card.
ISO 7816 security
The correct sequence during activation and deactivation of
the card is ensured through a specific sequencer, clocked
by a division ratio of the internal oscillator.
Activation (START signal P05; see Table 3) is only
possible if the card is present (PRES HIGH or LOW
according to mask option), and if the supply voltage is
correct (ALARM signal inactive); CLK and RST are
controlled by RSTIN (internal signal; port P04), allowing
the correct count of CLK pulses during answer-to-reset
from the card.
The presence of the card is signalled to the controller by
the OFF signal (port P10; see Table 3).
During a session, the sequencer performs an automatic
emergency deactivation in the event of card take-off,
supply voltage drop, or hardware problems. The OFF
signal falls thereby warning the controller.


Similar Part No. - TDA8005AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8005 PHILIPS-TDA8005 Datasheet
198Kb / 32P
   Low-power smart card coupler
1996 Sep 25
TDA8005G PHILIPS-TDA8005G Datasheet
198Kb / 32P
   Low-power smart card coupler
1996 Sep 25
TDA8005H PHILIPS-TDA8005H Datasheet
198Kb / 32P
   Low-power smart card coupler
1996 Sep 25
More results

Similar Description - TDA8005AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8005 PHILIPS-TDA8005 Datasheet
198Kb / 32P
   Low-power smart card coupler
1996 Sep 25
logo
Analog Devices
AD7740YRMZ AD-AD7740YRMZ Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740 AD-AD7740 Datasheet
144Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. 0
AD7740KRMZ AD-AD7740KRMZ Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740KRMZ-REEL7 AD-AD7740KRMZ-REEL7 Datasheet
136Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740YRTZ-REEL7 AD-AD7740YRTZ-REEL7 Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740 AD-AD7740_15 Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
logo
Vishay Siliconix
DG9422E VISHAY-DG9422E Datasheet
249Kb / 11P
   1.7 ?? Low On Resistance, 12 V, 5 V, 3 V, 짹 5 V, SPST Switches
01-Jan-2022
DG441LE VISHAY-DG441LE_V01 Datasheet
332Kb / 18P
   16 ?? Low Charge Injection and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
08-Feb-17
DG411LE VISHAY-DG411LE_V01 Datasheet
327Kb / 17P
   16 ?? Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com