Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8006H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8006H
Description  Multiprotocol IC Card coupler
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006H Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8006H Datasheet HTML 1Page - NXP Semiconductors TDA8006H Datasheet HTML 2Page - NXP Semiconductors TDA8006H Datasheet HTML 3Page - NXP Semiconductors TDA8006H Datasheet HTML 4Page - NXP Semiconductors TDA8006H Datasheet HTML 5Page - NXP Semiconductors TDA8006H Datasheet HTML 6Page - NXP Semiconductors TDA8006H Datasheet HTML 7Page - NXP Semiconductors TDA8006H Datasheet HTML 8Page - NXP Semiconductors TDA8006H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
2000 Feb 21
4
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
BLOCK DIAGRAM
handbook, full pagewidth
MGR225
63, 64, 1 to 6
(43, 44, 1, 2)(2)
19 to 12
(11 to 8)(1)
58 (38)
59 (39)
60 (40)
53 (35)
54 (36)
TDA8006H
(TDA8006AH)
6
8
P40
to P47
MICROCONTROLLER
80C52
16-kbyte ROM
256-byte RAM
ANALOG
DRIVERS
AND
SEQUENCER
P20 to P27
P00 to P07
P30/RXD
P31/TXD
P33/INT1
P10/T2
P11/T2EX
23 (14)
VDDRAM
24 (15)
GNDRAM
43 (30)
CLKOUT
7 (3)
8 (4)
61 (41)
11 (7)
62 (42)
PSEN
52 (34)
RESET
44 (31)
CDELAY
45 (32)
ALARM
ALE
P36/WR
P37/RD
(22) 32
(26) 39
VUP
C8
(25) 38
C4
(17) 27
CLK
(16) 26
RST
(23) 36
VCC
(24) 37
I/O
(29) 42
PRES
XTAL2
9 (5)
K0 to K3
48 to 51(3)
XTAL1
10 (6)
SUPPLY
AND
SUPERVISOR
1024
AUX
RAM
PERIPHERALS
CLOCK CIRCUITRY
PORT EXTENSION
T = 0,1
ISO
UART
INTERNAL
OSCILLATOR
EA
INT0
STEP-UP
CONVERTER
C4
GND
S1
S2
P34
C8
I/O
OFF
3 V/5 V
CMDVCC
P35
VDD
100 nF
100 nF
100 nF
31
(21)
29 (19)
41(28) 40 (27)
AGND
VDDA
30
(20)
28 (18)
Fig.1 Block diagram.
Minimum value for capacitor between VDDA and AGND is 2.2 µF.
Pin numbers in parenthesis represent the TDA8006AH.
(1) Ports P04 to P07 not applicable for QFP44 package.
(2) Ports P24 to P27 not applicable for QFP44 package.
(3) Ports K0 to K3 not applicable for QFP44 package.


Similar Part No. - TDA8006H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8000 PHILIPS-TDA8000 Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8000T PHILIPS-TDA8000T Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001 PHILIPS-TDA8001 Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001A PHILIPS-TDA8001A Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001AT PHILIPS-TDA8001AT Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
More results

Similar Description - TDA8006H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8008 PHILIPS-TDA8008 Datasheet
68Kb / 12P
   Dual multiprotocol smart card coupler
1999 Dec 14
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
   Double multiprotocol IC card interface
2000 Nov 09
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
Marktech Corporate
MT22000 MARKTECH-MT22000 Datasheet
156Kb / 5P
   PHOTO IC COUPLER
MT26010 MARKTECH-MT26010 Datasheet
186Kb / 5P
   PHOTO IC COUPLER?
MT25300 MARKTECH-MT25300 Datasheet
211Kb / 7P
   PHOTO IC COUPLER
MT6500 MARKTECH-MT6500 Datasheet
193Kb / 7P
   PHOTO IC COUPLER
MT26300 MARKTECH-MT26300 Datasheet
243Kb / 9P
   PHOTO IC COUPLER?
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
Infineon Technologies A...
BGC100GN6 INFINEON-BGC100GN6 Datasheet
194Kb / 2P
   Switchable Wideband Directional Coupler IC
V 2.1 2018-01-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com