Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8007B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8007B
Description  Double multiprotocol IC card interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8007B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8007B Datasheet HTML 2Page - NXP Semiconductors TDA8007B Datasheet HTML 3Page - NXP Semiconductors TDA8007B Datasheet HTML 4Page - NXP Semiconductors TDA8007B Datasheet HTML 5Page - NXP Semiconductors TDA8007B Datasheet HTML 6Page - NXP Semiconductors TDA8007B Datasheet HTML 7Page - NXP Semiconductors TDA8007B Datasheet HTML 8Page - NXP Semiconductors TDA8007B Datasheet HTML 9Page - NXP Semiconductors TDA8007B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
2000 Nov 09
6
Philips Semiconductors
Product specification
Double multiprotocol IC card interface
TDA8007B
WR
37
write selection signal (enable in case of non-multiplexed configuration)
CS
38
chip select input (active HIGH or LOW)
ALE
39
address latch enable in case of multiplexed configuration (connect to VDD in non-multiplexed
configuration)
INT
40
interrupt output (active LOW)
INTAUX
41
auxiliary interrupt input
AD3
42
register selection address 3
AD2
43
register selection address 2
AD1
44
register selection address 1
AD0
45
register selection address 0
XTAL2
46
connection pin for an external crystal
XTAL1
47
connection pin for an external crystal or input for an external clock signal
DELAY
48
connection pin for an external delay capacitor
SYMBOL
PIN
DESCRIPTION
handbook, full pagewidth
TDA8007BHL
FCE678
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
RSTOUT
I/OAUX
I/O1
C81
PRES1
C41
GNDC1
CLK1
VCC1
RST1
I/O2
C82
RD
D7
D6
D5
D4
D3
D2
D1
D0
VDD
SAM
AGND
Fig.2 Pin configuration.


Similar Part No. - TDA8007B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8000 PHILIPS-TDA8000 Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8000T PHILIPS-TDA8000T Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001 PHILIPS-TDA8001 Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001A PHILIPS-TDA8001A Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001AT PHILIPS-TDA8001AT Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
More results

Similar Description - TDA8007B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
NXP Semiconductors
TDA8006 PHILIPS-TDA8006 Datasheet
166Kb / 40P
   Multiprotocol IC Card coupler
2000 Feb 21
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
   Double Scart Interface IC
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
   Double Scart Interface IC
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Exar Corporation
XRT4000 EXAR-XRT4000 Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
logo
Maxim Integrated Produc...
MAX13171E MAXIM-MAX13171E Datasheet
904Kb / 38P
   Multiprotocol, Pin-Selectable Data Interface Chipset
Rev 1; 7/09
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com