Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C211120600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C211120600
Description  Timers Symmetrical Recycler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C211120600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C211120600 Datasheet HTML 1Page - List of Unclassifed Manufacturers C211120600 Datasheet HTML 2Page - List of Unclassifed Manufacturers C211120600 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (25.10.99)
Time ranges
0.15-
6 s
1.5 - 60 s
15.0 - 600 s
Time range accuracy
0 to +10% on max.
min. actual time
≤ min.
set time
Repeatability deviation
≤ 1%
Time variation
Within rated power supply
≤ 0.05%/V
and ambient temperature
≤ 0.2%/°C
Reset
Power supply interruption min.
Time and/or relay
250 ms
C 108, C 208, C 118, C 218
C 101, C 201, C 111, C 211
C 108, C 101, C 118, C 111
C 208, C 201, C 218, C 211
Output
SPDT relay
DPDT relay
Basic electrical insulation
250 VAC (rms) (contact/electronics)
250 VAC (rms) (contacts/elec., contact/contact)
Contact ratings (AgCdO)
µ (micro gap)
µ (micro gap)
Resistive loads
AC 1
10 A/250 VAC (2500 VA)
8 A/250 VAC (2000 VA)
DC 1
1 A/250 VDC (250 W)
0.4 A/250 VDC (100 W)
or
10 A/25 VDC (250 W)
4 A/25 VDC (100 W)
Small inductive loads AC 15 2.5 A/230 VAC
2.5 A/230 VAC
DC 13 5 A/24 VDC
5 A/24 VDC
Mechanical life
≥ 30 x 106 operations
≥ 30 x 106 operations
Electrical life
AC 1
≥ 2.5 x 105 operations (at max. load)
≥ 2.5 x 105 operations (at max. load)
Operating frequency
≤ 7200 operations/h
≤ 7200 operations/h
Insulation voltages
Rated insulation voltage
≥ 2.0 kVAC (rms) (contact/electronics)
≥ 2.0 kVAC (rms) (contact/electronics)
Rated transient protection volt. 4 kV (1.2/50 µs) (contact/electronics) (IEC 60664)
4 kV (1.2/50 µs) (contact/electronics) (IEC 60664)
Power supply AC types
Installation cat. III (IEC 60664)
Rated operational voltage
through pins 2 & 10
220
220 VAC + 15/- 20%,
or pins 2 & 7
45 to 65 Hz
120
120 VAC + 15/- 20%,
45 to 65 Hz
024
24 VAC + 15/- 20%,
45 to 65 Hz
Dropout tolerance
≥ 10 ms
Rated insulation voltage
None
Rated transient protection volt. 4 kV (1.2/50 µs) @ 220 VAC
2.5 kV (1.2/50 µs) @ 120 VAC
800 V (1.2/50 µs) @ 24 VAC
(line/neutral)
Power supply DC type
Installation cat. III (IEC 60664)
Rated operational volt.
024
24 VDC + 15/- 20% (pin 2 pos.)
Rated insulation voltage
None
Rated transient protection volt. 800 V (1.2/50 µs)
Consumption
AC supply
60 mA @ 50 Hz/70 mA @ 60 Hz
DC supply
1 W
Power ON delay
≤ 200 ms
Power OFF delay
≥ 250 ms
Indication for
Output ON
LED. red
Environment
Degree of protection
IP 20 B
Pollution degree
2 (IEC 60664)
Operating temperature
-20° to +50°C (-4° to +122°F)
Storage temperature
-50° to +85°C (-58° to +185°F)
Weight
85 g
Approvals
UL, CSA
Time Specifications
Output Specifications
Supply Specifications
General Specifications


Similar Part No. - C211120600

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2117.21.01 GENERAL-C2117.21.01 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
C2117.21.02 GENERAL-C2117.21.02 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
C2117.21.03 GENERAL-C2117.21.03 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
C2117.21.04 GENERAL-C2117.21.04 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
C2117.21.05 GENERAL-C2117.21.05 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
More results

Similar Description - C211120600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECSSM23A10M ETC2-ECSSM23A10M Datasheet
64Kb / 2P
   Timers Symmetrical Recycler
logo
Carlo Gavazzi Holding A...
ECSSM23A10SF CARLOGAVAZZI-ECSSM23A10SF Datasheet
114Kb / 2P
   Timers Symmetrical Recycler Type ECS
logo
List of Unclassifed Man...
DCB01CM24 ETC2-DCB01CM24 Datasheet
110Kb / 3P
   Timers Asymmetrical Recycler
logo
Carlo Gavazzi Holding A...
DCB01 CARLOGAVAZZI-DCB01 Datasheet
112Kb / 3P
   Timers Asymmetrical Recycler
logo
List of Unclassifed Man...
ECCCT23 ETC2-ECCCT23 Datasheet
34Kb / 2P
   Timers Asymmetrical Multi Recycler
logo
Cherry Semiconductor Co...
JM-0800 CHERRY-JM-0800 Datasheet
127Kb / 2P
   Symmetrical design
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Schneider Electric
SSLM1ND101BD SCHNEIDER-SSLM1ND101BD Datasheet
184Kb / 2P
   Symmetrical DIN rail
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com