Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4-DINAV93ADR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EM4-DINAV93ADR
Description  Energy Management Energy Meter with plug-in Output Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM4-DINAV93ADR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EM4-DINAV93ADR Datasheet HTML 1Page - List of Unclassifed Manufacturers EM4-DINAV93ADR Datasheet HTML 2Page - List of Unclassifed Manufacturers EM4-DINAV93ADR Datasheet HTML 3Page - List of Unclassifed Manufacturers EM4-DINAV93ADR Datasheet HTML 4Page - List of Unclassifed Manufacturers EM4-DINAV93ADR Datasheet HTML 5Page - List of Unclassifed Manufacturers EM4-DINAV93ADR Datasheet HTML 6Page - List of Unclassifed Manufacturers EM4-DINAV93ADR Datasheet HTML 7Page - List of Unclassifed Manufacturers EM4-DINAV93ADR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Specifications are subject to change without notice
EM4-DINDS1003
1
Product description
Three-phase energy meter
with
built-in
configuration
key-pad; particularly indicat-
ed for the metering and the
management of the energy
in addition to the metering
and the management of the
signals
coming
from
the
water and gas meters.
Housing for DIN-rail or wall-
mounting, IP40 (front) pro-
tection degree.
Completely sealable housing.
In case of direct connection
up to 90A, the measuring
input terminals are suitable
for cables with a cross-sec-
tion area from 6 to 35 mm2.
The special design of the
instrument’s housing allows
to add at any time the inter-
face modules, even when
the
instrument
is
already
installed. The following mod-
ules are available:
- for all versions: pulse output;
- only for the versions with
auxiliary
power
supply:
digital inputs, RS485 serial
port.
Energy Management
Energy Meter with plug-in Output Modules
Type EM4-DIN
Type selection
Power supply
For all versions
A:
24VAC
-15+10%, 50-60Hz
B:
48VAC
-15+10%, 50-60Hz
C:
115VAC
-15+10%, 50-60Hz
D:
230VAC
-15+10%, 50-60Hz
4:
18 to 60VDC
5:
77 to 143VDC
AV2, AV8 and AV9 only
X:
Self Power Supply
400VL-L
(-20+15%, 50-60Hz)
208VL-L
(-20+15%, 50-60Hz)
220VL-L
(-10+15%, 50-60Hz)
Range Code
Auxiliary Power Supply:
AV0:
208VL-L/20(90)AAC [3]
AV1:
400VL-L/20(90)AAC [1]
AV3:
660VL-L/20(90)AAC [2]
AV4:
208VL-L/5(10)AAC [3]
AV5:
400VL-L/5(10)AAC [1]
AV6:
100VL-L/5(10)AAC [3]
AV7:
660VL-L/5(10)AAC [2]
Self Power Supply:
AV2:
220VL-L/20(90)AAC [4]
AV8:
208VL-L/20(90)AAC [1]
AV9:
400VL-L/20(90)AAC [1]
Slot A (retransmission)
X:
None
O:
AO2900 module
Dual open collector out-
put.
Three
operating
modes:
• two pulse outputs
(kWh and kvarh);
• one alarm output
(kW dmd) and one
pulse output
(kWh or kvarh)
• one output
remotely controlled
by a serial port
and one pulse
output (kWh or kvarh)
D:
AQ2940 module
Two digital inputs for
the management of
water and gas meters
Slot A (retransmission) cont.
R:
AO2910 module.
One relay output + one
open collector output.
Operation modes like
module AO2900
Slot B (retransmission)
Only with A-B-C-D-4
power supply
XX:
None
S0:
AR2950 module
RS422/485
serial port
Model
Range code
System
Power supply
Slot A
Slot B
How to order EM4-DIN AV5 3 X X XX
System
3 :
Three-phase,
unbalanced load with
or without neutral
[1] Un: -20+15%
[2] Un: -30+15%
[3] Un: -20+20%
[4] Un: -10 +15%
• Class 1 (active energy)
• Class 2 (reactive energy)
• Three-phase multi-function energy meter
• Back-lighted LCD display
• 31/
2 DGT instantaneous variables read-out
• 8 DGT + 71/
2
DGT energy read-out
• Measurements of system and phase variables: W, Wdmd
• Measurements of total energies: kWh, kvarh
• Measurements of partial energies: kWh, kvarh
• Energy measurements according to EN61036 and EN61268
• Energy measurements by time periods (t1-t2-t3-t4)
selectable by input contacts
• Measurements of m3 H
2O and m
3 GAS by means of input contacts
• TRMS measurements of distorted wave forms
(voltages/currents)
• Two basic models: direct connection 20(90)AAC,
CT 5(10)AAC and VT connection
• Self power supply (available for some models only) or
auxiliary power supply: 24V, 48V, 115V, 230V, 50-60Hz;
18 to 60VDC, 77 to 143VDC
• Degree of protection (front): IP 40
• Front dimensions: 9 DIN modules
• RS 422/485 Serial port by means of optional module
• Dual pulse output by means of optional module
• Alarm output (kW dmd) by means of optional module
• Digital inputs for the management of the time periods
and of the H2O and GAS meters
Important note:
• The models from AV0 to AV7 can be equipped with any
type of available modules (slot A and B).
• The models AV8 and AV9 can be equipped only with the
“O” and “R” type modules.
• The AV8 and AV9 models can measure all the parameters
even if the three phase system being connected is missing
one phase.
• The AV2 model is suitable only for three-phase unbalanced
system without neutral.


Similar Part No. - EM4-DINAV93ADR

ManufacturerPart #DatasheetDescription
logo
SAB North America
EM4-12 SAB-EM4-12 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-16 SAB-EM4-16 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-20 SAB-EM4-20 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-20C SAB-EM4-20C Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-25 SAB-EM4-25 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - EM4-DINAV93ADR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM3-DINAV9 ETC2-EM3-DINAV9 Datasheet
94Kb / 4P
   Energy Management Energy Meter with plug-in Output Modules
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
WM22-DIN ETC2-WM22-DIN Datasheet
244Kb / 10P
   Energy Management Power Analyzer with plug-in Output Modules
logo
Carlo Gavazzi Holding A...
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
logo
List of Unclassifed Man...
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
logo
Teridian Semiconductor ...
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com