Electronic Components Datasheet Search |
|
M83471GM1 Datasheet(PDF) 4 Page - Bi technologies |
|
M83471GM1 Datasheet(HTML) 4 Page - Bi technologies |
4 / 4 page 4-52 Model M Series PACKAGING Standard: Bulk: Quantity = 200 Units Option: Tape in Ammo Box All Units oriented with lead #1 to the left of direction of feed. Tape: Width = 18mm Pitch = 12.7mm Ammo Box: Capacity = 1,000 Units Option: Magazines Dimensions conform to EIA & JEDEC standards. All units oriented with lead #1 to the same side. Magazine: Material = Antistatic Plastic ORDERING INFORMATION M 8 5 331 / 471 J XX Model Series Tolerance Code: F = ±1% G = ±2% (Standard) J = ±5% R2 Resistance Code (Add for -5 circuit only) Number of Leads: 4 thru 14 Circuit Type: -3 = Isolated -1 = Bussed -5 = Dual Terminator Resistance Code: First 2 digits are significant (3 digits for ±1%). Last digit denotes number of trailing zeros. Packaging Option: AP = Ammo Pack M1 or M2 Tube* * Refer to Packaging for Automation Section (Page A-4) for M1 & M2 tube capacity and dimensions APPLICABLE DOCUMENTS MIL-R-83401 — Resistor Networks, Fixed, Film, General Specifications MIL-STD-105 — Sampling Procedures and Tables for Inspection by Attributes MIL-STD-202 — Test Methods for Electronic and Electrical Component Parts |
Similar Part No. - M83471GM1 |
|
Similar Description - M83471GM1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |