Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPT-DINAV63HV3AX Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CPT-DINAV63HV3AX
Description  Energy Management Compact Power Transducer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPT-DINAV63HV3AX Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CPT-DINAV63HV3AX Datasheet HTML 5Page - List of Unclassifed Manufacturers CPT-DINAV63HV3AX Datasheet HTML 6Page - List of Unclassifed Manufacturers CPT-DINAV63HV3AX Datasheet HTML 7Page - List of Unclassifed Manufacturers CPT-DINAV63HV3AX Datasheet HTML 8Page - List of Unclassifed Manufacturers CPT-DINAV63HV3AX Datasheet HTML 9Page - List of Unclassifed Manufacturers CPT-DINAV63HV3AX Datasheet HTML 10Page - List of Unclassifed Manufacturers CPT-DINAV63HV3AX Datasheet HTML 11Page - List of Unclassifed Manufacturers CPT-DINAV63HV3AX Datasheet HTML 12Page - List of Unclassifed Manufacturers CPT-DINAV63HV3AX Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Specifications are subject to change without notice
CPT-DINADS110706
11
CPT-DIN
Wiring diagrams “system type selection: 1”
F= 630 mA T (18 to 60VAC/DC)
125 mA T (90 to 260VAC/DC)
1CT connection
L1
N
L
N
-
+
F
A1A2
L1
L1
24
7
N
L1
1-ph, 2-wire
Fig. 14
Power Supply
L1
N
L
N
-
+
F
A1A2
7
L1
N
L1
L1
24
1-ph, 2-wire
Fig. 13
Direct connection
Power Supply
1CT connection
L1
L2
L3
L
N
-
+
F
A1
A2
7
L1
N
L1
L1
24
N
3-ph, 4-wire, balanced load
Fig. 15
Power Supply
1CT and 1VT/PT connection
L1
L2
N
L3
L
N
-
+
F
A1
A2
7
N
L1
L1
L1
24
3-ph, 4-wire, balanced load
Fig. 16
Power Supply
0-10V
V1
V2
V3
+
V3
V2
V1
+
++
24
6
13
5
R2
R1
24
6
13
5
O2
O1
+
V
V
Vo+
Vo+
GND
GND
Rc
Rc
24
6
13
5
Rc
Rc
V
V
Vo+
Vo+
GND
GND
O2
O1
+
V
V
Vo+
Vo+
GND
GND
Rc
Rc
24
6
13
5
Rc
Rc
V
V
Vo+
Vo+
GND
GND
Outputs
Open collector outputs:
The
load resistance (Rc) must be
calculated so that the closed
contact current is lower than
100mA; the VDC voltage must
be lower than or equal to 30V.
VDC:
power
supply
voltage
(external). Vo+: positive output
contact (open collector transis-
tor). GND: ground output con-
tact (open collector transistor).
DC
DC
DC
DC
Analogue output 0-20mA
Analogue output 0-10V
Relay out.
Fig. 17
Fig. 18
Fig. 19
Fig. 20
Fig. 21
NOTE: the analogue outputs are not insulated among each other.
Output
terminal


Similar Part No. - CPT-DINAV63HV3AX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CPT-00053 MOLEX11-CPT-00053 Datasheet
195Kb / 1P
   PowerCat C6A Consolidation Point/ MUTO Enclosure
logo
CUI INC
CPT-1117-83-SMT-TR CUI-CPT-1117-83-SMT-TR Datasheet
431Kb / 5P
   PIEZO BUZZER TRANSDUCER
03/15/2021
logo
CUI Devices
CPT-1117-83-SMT-TR CUID-CPT-1117-83-SMT-TR Datasheet
403Kb / 5P
   PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CPT-1203-78-SMT-TR CUI-CPT-1203-78-SMT-TR Datasheet
379Kb / 5P
   PIEZO BUZZER TRANSDUCER
CPT-1203-78-SMT-TR CUI-CPT-1203-78-SMT-TR Datasheet
402Kb / 5P
   PIEZO BUZZER TRANSDUCER
01/03/2020
More results

Similar Description - CPT-DINAV63HV3AX

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
ET340 CARLOGAVAZZI-ET340 Datasheet
278Kb / 8P
   Energy Management Energy Transducer Type ET340
logo
List of Unclassifed Man...
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
   Energy Management Modular Power Analyzers
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com