Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1865 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1865
Description  PON Triplexer Control and Monitoring Circuit
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1865 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1865 Datasheet HTML 4Page - Maxim Integrated Products DS1865 Datasheet HTML 5Page - Maxim Integrated Products DS1865 Datasheet HTML 6Page - Maxim Integrated Products DS1865 Datasheet HTML 7Page - Maxim Integrated Products DS1865 Datasheet HTML 8Page - Maxim Integrated Products DS1865 Datasheet HTML 9Page - Maxim Integrated Products DS1865 Datasheet HTML 10Page - Maxim Integrated Products DS1865 Datasheet HTML 11Page - Maxim Integrated Products DS1865 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
PON Triplexer Control and
Monitoring Circuit
8
_____________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
BEN
Burst Enable Input. Triggers the sampling of the APC and quick-trip monitors.
2
TX-D
Transmit Disable Input. Disables BIAS and MOD outputs.
3
TX-F
Transmit Fault Output, Open Drain
4
FETG
Output to FET Gate. Signals an external n- or p-channel MOSFET to enable/disable the laser’s current.
5, 19
VCC
Supply Voltage
6, 18
GND
Ground
7, 10, 11,
25
N.C.
No Connection
8
SDA
I2C Serial Data. Input/output for I2C data.
9
SCL
I2C Serial Clock. Input for I2C clock.
12–15
MON1–MON4
External Monitor Input 1–4. The voltage at these pins are digitized by the internal analog-to-digital
converter and can be read through the I2C interface. Alarm and warning values can be assigned to
interrupt the processor based on the ADC result.
16
DAC1
17
M4DAC
Digital-to-Analog Output DAC1 and M4DAC. Two 8-bit DAC outputs for generating analog voltages.
Typically used to control the video photodiode bias. M4DAC is controlled by the input voltage on MON4
and Table 06h LUT.
20
BIAS
Bias Current Output. This current DAC generates the bias current reference for the MAX3643.
21
MOD
Modulation Output Voltage. This 8-bit voltage output has eight full-scale ranges from 1.25V to 0.3125V.
This pin is connected to the MAX3643’s VMSET input to control the modulation current.
22
BMD
Monitor Diode Input (Feedback Voltage, Transmit Power Monitor)
23
LOSI
Loss-of-Signal Input. This input is accessible in the status register through the I2C interface.
24
D0
Digital I/O 0. This signal is either the open-drain output driver for LOSI, or can be controlled by the
OUT0 bit (D0OUT). The logic level of this pin is indicated by the D0IN and LOS status bits.
26, 27,
28
D1, D2, D3
Digital I/O 1–3. These are bidirectional pins controlled by internally addressable bits. The outputs are
open-drain.
EP
Exposed Pad. This contact should be connected to GND.


Similar Part No. - DS1865

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1865T++ MAXIM-DS1865T+ Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1865T+TR MAXIM-DS1865T+TR Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
More results

Similar Description - DS1865

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
   PON Triplexer and SFP Controller
Rev 1; 10/08
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com