Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDV175E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDV175E
Description  SILICON EPITAXIAL PIN TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV175E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDV175E Datasheet HTML 1Page - KEC(Korea Electronics) KDV175E Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 6. 14
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV175E
SILICON EPITAXIAL PIN TYPE DIODE
Revision No : 1
VHF~UHF BAND RF ATTENUATOR APPLICATIONS.
AGC FOR AM/FM TUNER.
FEATURES
・Low Capacitance : CT=0.25[pF] (Typ.)
・Low Series resistance : rS=7[Ω] (Typ.).
・Designed for low Inter Modulation.
・Small Package : ESC.
MAXIMUM RATING (Ta=25℃)
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
50
V
Forward Current
IF
50
mA
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
Type Name
Marking
E
U
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=10μA
50
-
-
V
Reverse Current
IR
VR=50V
-
-
0.1
μA
Forward Voltage
VF
VF=50mA
-
0.95
-
V
Total Capacitance
CT
VR=50V, f=1MHz
-
0.25
-
pF
Series Resistance
rs
IF=10mA, f=100MHz
-
7.0
-


Similar Part No. - KDV175E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV175E KEC-KDV175E_15 Datasheet
459Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
More results

Similar Description - KDV175E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDP620UL KEC-KDP620UL_15 Datasheet
353Kb / 3P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP600UL KEC-KDP600UL_15 Datasheet
509Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP623UL KEC-KDP623UL_15 Datasheet
384Kb / 3P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV144F KEC-KDV144F_15 Datasheet
442Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV175 KEC-KDV175_15 Datasheet
472Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV142EL KEC-KDV142EL_07 Datasheet
438Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP629UL KEC-KDP629UL Datasheet
35Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV176U KEC-KDV176U_15 Datasheet
363Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP610UL KEC-KDP610UL Datasheet
459Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP621UL KEC-KDP621UL_15 Datasheet
506Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com