Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P230-3FB35AR100K Datasheet(PDF) 2 Page - C-Media Electronics

Part # P230-3FB35AR100K
Description  24mm Rotary Potentiometer Conductive Plastic Element 500,000 Cycle Life Metal Shaft Brass Bushing RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

P230-3FB35AR100K Datasheet(HTML) 2 Page - C-Media Electronics

  P230-3FB35AR100K Datasheet HTML 1Page - C-Media Electronics P230-3FB35AR100K Datasheet HTML 2Page - C-Media Electronics P230-3FB35AR100K Datasheet HTML 3Page - C-Media Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model P230
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
June 14, 2007
page 2 of 3
BI technologies
O
O
O
ORDERING INFORMATION
RDERING INFORMATION
RDERING INFORMATION
RDERING INFORMATION
2
2
2
2
Shaft Types
Shaft Position (F-Type Shaft)
Dashed lines on Type “C” and Type “A” shows position of adjustment slot for E-Type shaft
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE VALUES, OHMS
VALUES, OHMS
VALUES, OHMS
VALUES, OHMS
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1MEG
2
Contact our customer service for custom designs and features.
P230
P230
P230
P230 –
– 1 F C 20 B R
1 F C 20 B R
1 F C 20 B R
1 F C 20 B R100K
100K
100K
100K
Model Series
Total Resistance
Shaft Type
Full CCW Shaft Position: see below
Shaft Length “L” see below
Bushing Length “M”
1 = 6.5mm
2 = 9.5mm
3 = 11mm
Tapers
A = Audio
B = Linear
C = Reverse Audio


Similar Part No. - P230-3FB35AR100K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
List of Unclassifed Man...
P230 ETC2-P230 Datasheet
47Kb / 2P
   KNOBS AND DIAL PLATES
logo
TT Electronics.
P230 TTELEC-P230 Datasheet
558Kb / 3P
   Conductive plastic element
logo
Tripp Lite. All Rights ...
P230001 TRIPPLITE-P230001 Datasheet
470Kb / 2P
   PS-2 Keyboard or Mouse Y Splitter Cable (Mini-DIN6 M-2xF), 1-ft
logo
UN Semiconducctor INC
P2300DM UNSEMI-P2300DM Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results

Similar Description - P230-3FB35AR100K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P231 BITECH-P231 Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
   24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P170N BITECH-P170N Datasheet
441Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element 100,000 Cycle Life Switch Option RoHS Compliant
logo
C-Media Electronics
P232-SEC20BR100K CMEDIA-P232-SEC20BR100K Datasheet
408Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
logo
Bi technologies
P232 BITECH-P232 Datasheet
84Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/Bushing RoHS Compliant
P233 BITECH-P233 Datasheet
84Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
P160 BITECH-P160_08 Datasheet
94Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
P160 BITECH-P160 Datasheet
284Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
P09X BITECH-P09X Datasheet
532Kb / 5P
   9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com