Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8041H Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8041H
Description  Quadrature demodulator controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8041H Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8041H Datasheet HTML 2Page - NXP Semiconductors TDA8041H Datasheet HTML 3Page - NXP Semiconductors TDA8041H Datasheet HTML 4Page - NXP Semiconductors TDA8041H Datasheet HTML 5Page - NXP Semiconductors TDA8041H Datasheet HTML 6Page - NXP Semiconductors TDA8041H Datasheet HTML 7Page - NXP Semiconductors TDA8041H Datasheet HTML 8Page - NXP Semiconductors TDA8041H Datasheet HTML 9Page - NXP Semiconductors TDA8041H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
November 1994
6
Philips Semiconductors
Preliminary specification
Quadrature demodulator controller
TDA8041H
GENERAL DESCRIPTION
The quadrature demodulator controller TDA8041H,
generates all control signals required for demodulation of
BPSK and QPSK modulated signals. This device is
specially designed to be used in conjunction with the
quadrature demodulator IC, TDA8040T.
The quadrature demodulator controller generates the
following signals:
• Symbol clock recovery control signal; this signal locks
the VCXO to the received symbol clock. The clock
recovery algorithm used in this device operates
independently from the other loops.
• Carrier recovery control signal; depending on the
selected mode (BPSK or QPSK), this signal will adjust
the phase of the I and Q input signal. This adjustment
will be such that the constellation points are as defined
in Fig.4.
• Frequency control signals (AFC1 and AFC2); to serve a
broad range of applications, two different AFC detectors
and a sweep function are built-in:
– AFC1: this is a robust detector which forces the offset
frequency in the I and Q branch to zero. This detector
can handle frequency offset up to 1/8
× symbol rate.
– AFC2: this detector can handle frequency offsets
greater than 1/8
× symbol frequency. However this
AFC algorithm will bring the offset frequency only
close to zero.
– Sweep: this signal generates a triangular current
output which can tune a VCO over its complete
frequency range. Sweeping must be switched off as
soon as the logical output of the lock detect function
becomes positive. The value of the sweep current is
set by an external resistor.
• Amplitude control signals (AGC); this signal adjusts a
variable gain amplifier so that the amplitude of the I and
Q signals is in accordance with the specified
constellation points of Fig.4.
• Lock detect signal; this signal is related to the Eb/No of
the incoming I and Q signals. This lock detect signal can
be used for two purposes:
– Lock detection by comparing the lock detect signal
with an external set reference voltage, one can obtain
a logical signal indicating lock detect.
– The relationship between Eb/No can be used to
display the Eb/No for antenna adjustment.
FUNCTIONAL DESCRIPTION
The TDA8041H has a 3-bit-wide digital I and Q output for
soft error correction. These 3-bit outputs represent the
main symbols only. The relationship between the 4-bits
ADC signals and the 3-bit output signals is illustrated in
Fig.3.
Fig.3
I and Q output levels for soft error
decision FEC.


Similar Part No. - TDA8041H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8042 PHILIPS-TDA8042 Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
TDA8043H PHILIPS-TDA8043H Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
More results

Similar Description - TDA8041H

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
logo
RF Micro Devices
RF2721 RFMD-RF2721 Datasheet
66Kb / 6P
   QUADRATURE DEMODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
   1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
   1000-MHz Quadrature Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com