Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFS34A240A50ZS Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS34A240A50ZS
Description  SOLID STATE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS34A240A50ZS Datasheet(HTML) 1 Page - Hongfa Technology

  HFS34A240A50ZS Datasheet HTML 1Page - Hongfa Technology HFS34A240A50ZS Datasheet HTML 2Page - Hongfa Technology HFS34A240A50ZS Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4B? *}3no I@@?L n NI nm6{z IL tk NI msk6xz CHJON =IHNLIFg
QCNB IONJONM L;N?> ;N okxg pkxg qkxg rkxg skx IL lkkxi 3z2
IONJON JLIPC>?M BCAB >Pj>N =;J;<CFCNS GIL? NB;H pkk6jOMixFF
GI>?FM CH=FO>? ;H CHN?LH;F MHO<<?Li 4B? L?F;SM JLIPC>? okkk6xz
IJNIhCMIF;NCIH <?NQ??H CHJON ;H> IONJONi 0ONFCH? >CG?HMCIH CM
psioGG8opirGG8mmitGGi
=RO]^[R\
7B?H =BIIMCHA ; 332g JF?;M? HINC=? NB? ;=NO;F FI;> =OLL?HN
;H> QILECHA ;G<C?HN N?GJ?L;NOL?i 4I OM? NB? 332 =ILL?=NFSg
JF?;M? L?@?L NI z*x2xz4|2+34+z{x4x ;H> G;E? MOL?
NB? B?;N MCHE MCT? QB?H CN QILEM CH @OFF FI;> =OLL?HNi
xJJFS B?;NhL;>C;NCIH MCFC=IH AL?;M? I@ ; B?;N =IH>O=NCP?
MB??N <?NQ??H NB? 332 ;H> B?;N MCHEi 4B?L? QCFF <? ; MJ;=?
<?NQ??H NB? 332 ;H> B?;N MCHE xNN;=B?> NI NB? 332i
4B?L?@IL?g NB? A?H?L;N?> B?;N I@ NB? 332 =;HHIN <? L;>C;N?>
JLIJ?LFS QCNBION NB? AL?;M?ixM ; L?MOFNg NB? 332 G;S <?
IP?LB?;N?> ;H> >;G;A?> IL >?N?LCIL;N?>i
4CABN?H NB? 332 N?LGCH;F M=L?QM JLIJ?LFSi +@ NB? M=L?QM ;L?
HIN NCABNg NB? 332 QCFF <? {;G;A?> <S B?;N A?H?L;N?> QB?H
NB? JIQ?L CH 0/i 1?L@ILG QCLCHA OMCHA NB? NCABN?HCHA NILKO?
MBIQH CH NB? @IFFIQCHA N;<F?i
xG<C?HN
N?GJ?L;NOL?
*0/~}x 2|-x9
{C?F?=NLC= MNL?HANB
d;N pkjqk*TglGCHe
+HMOF;NCIH L?MCMN;H=?
lkkk. d;N pkk6{ze
;<H:G@FI@ED
FG<:9JI@EDH
pGx
lir6LGM
.;Ri NOLHhIH NCG?
.;R NOLHhI@@ NCG?
-I;> =OLL?HN
d{z CHJONe
dxz CHJONe
.CHi I@@hMN;N? >Pj>N
+30tkkl]+30j43lqtot ]+30lokkl]0*3x3lskkl z|24+}+|{
mkkr 2?Pi likk
3=L?Q MCT?
2?=IGG?H>?> NCABN?H?>
NILKO?
.n
kips NI kits /XG
.o
kits NI linr /XG
.;Ri NL;HMC?HN PIFN;A?
-I;> PIFN;A? L;HA?
}CF? /Iu |lnoplr
okkk6xz dCHJON NI IONJONe
mpkk6xz dCHJONg IONJON NI <;M?e
2;H>IG NOLHhIH d{z CHJONeu lGM
}CF? /Iiu ,pkkqlokp
?=H23+A>.23=,
hnk
NI sk
hnk
NI lkk
opc NI spc 2*
xJJLIRi ssA
0J?L;NCHA
3NIL;A?
xG<C?HN BOGC>CNS
5HCN Q?CABN
n NI nm6{z d7CNBION -|{e
o NI nm6{z d7CNB -|{e
tk NI msk6xz
n6{z
tk6xz
l6{z
lk6xz
mpGx
@DFJI d4xvmp e
HEB@; HI9I<G<B9M
><D<G9B d4xvmp e
EJIFJI d4xvmp e
okkk6 >C?F?=NLC= MNL?HANB
1BINI CMIF;NCIH
:?LI =LIMM IL L;H>IG NOLHhIH
2?GIP;<F? @CHA?L JLII@ =IP?L ;P;CF;<F?
{IO<F? 3z2 xz IONJON
1;H?F GIOHN
{z IL xz =IHNLIF
2I*3 =IGJFC;HN
ljm =S=F? flGM
okGM
pkk6jWM
.;Ri F?;E;A? =OLL?HN
.;Ri IHhMN;N? PIFN;A? >LIJ
_
_
_
_
_
_
_
_
4SJ?
zIHNLIF PIFN;A? L;HA? d{z CHJONe
.OMN IJ?L;N? PIFN;A? d{z CHJONe
.OMN L?F?;M? PIFN;A? d{z CHJONe
.OMN L?F?;M? PIFN;A? dxz CHJONe
.;Ri CHJON =OLL?HN d{z CHJONe
.;Ri L?P?LM? JLIN?=NCIH PIFN;A?
d{z CHJONe
no
li
mi
ni
zIHNLIF PIFN;A? L;HA? dxz CHJONe
.OMN IJ?L;N? PIFN;A? dxz CHJONe
hnm6{z
pGxpGx
{ hmok` { hnsk` { hosk`
os NI msk
6xz
os NI ook
6xz
os NI pnk
6xz
qkk6JE
skk6JE
lmkk6JE
lk NCG?M I@ L;N?> =OLL?HN
kip
okxg pkxg qkxg rkxg skxg lkkx
.CHi JIQ?L @;=NIL
xz CHJON NSJ? umkGM
:?LI =LIMM NOLHhIH d{z CHJONe u
ljm =S=F? flGM
.;Ri MOLA? =OLL?HN dlkGMe


Similar Part No. - HFS34A240A50ZS

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFS32D HONGFA-HFS32D Datasheet
58Kb / 3P
   SOLID STATERELAY
HFS32D/05D-48D0R1T-NXXX HONGFA-HFS32D/05D-48D0R1T-NXXX Datasheet
58Kb / 3P
   SOLID STATERELAY
HFS32D/12D-48D0R1T-NXXX HONGFA-HFS32D/12D-48D0R1T-NXXX Datasheet
58Kb / 3P
   SOLID STATERELAY
HFS32D/24D-48D0R1T-NXXX HONGFA-HFS32D/24D-48D0R1T-NXXX Datasheet
58Kb / 3P
   SOLID STATERELAY
HFS32D/60D-48D0R1T-NXXX HONGFA-HFS32D/60D-48D0R1T-NXXX Datasheet
58Kb / 3P
   SOLID STATERELAY
More results

Similar Description - HFS34A240A50ZS

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com