Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFV40061H2 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFV40061H2
Description  AUTOMOTIVE RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV40061H2 Datasheet(HTML) 2 Page - Hongfa Technology

  HFV40061H2 Datasheet HTML 1Page - Hongfa Technology HFV40061H2 Datasheet HTML 2Page - Hongfa Technology HFV40061H2 Datasheet HTML 3Page - Hongfa Technology HFV40061H2 Datasheet HTML 4Page - Hongfa Technology HFV40061H2 Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
78
=:
;
;
67
67
79
79
;
;
67
67
79
79
83;
83;
<37
<37
6939
6939
83>
83>
<3=
<3=
6:3;
6:3;
53;
53;
637
637
739
739
53;
53;
637
637
739
739
77
77
>5
>5
8;5
8;5
77
77
=:
=:
8:5
8:5
222
6=5
222
;=5
222
7<55
222
6=5
222
;=5
222
7<55
222
6>3;
222
<>3:
222
86<3;
222
6>3;
222
<:3;
222
85>3=
63;
63=
63;
63=
63;
63=
63;
63=
63<
63>
63;
63>
6536
6536
7537
7537
953:
953:
6536
6536
7537
7537
953:
953:
<3>
<3>
6:3<
6:3<
863:
863:
<3>
<3>
6:3<
6:3<
863:
863:
U]Yl`]j2
hjgg^
[gn]j
Ml`]jk
85
=<
=<A
85
=<
X
\aY_jYe 6
\aY_jYe 7
60 R`] hgo]j [gfkmehlagf g^ hYjYdd]d j]kaklYf[] ak 53:U3
70 KYp3 YddgoYZd] gn]j\jan] ngdlY_] ak klYl]\ oal` fg dgY\ Yhhda]\1 addmkljYl]\ oal` \mkl [gn]j n]jkagf3
KYp3 YddgoYZd] gn]j\jan]
ngdlY_] 70 TDC
<? Ual` j]kaklgj
1~? NYjYdd]d \ag\] /Yfg\] gf +=;0
9IJ? Ual`gml j]kaklgj gj \ag\]
1*? NYjYdd]d \ag\] /Yfg\] gf +=:0
0RPQMKGO PNGEIDJ EMFG
80 R`] dgY\ oajaf_ \aY_jYek Yj] dakl]\ Z]dgo?
90 U`]f l`] dgY\ j]imaj]e]fl ak \a^^]j]fl ^jge [gfl]fl g^ l`] lYZd] YZgn]1 hd]Yk] [gflY[l Hgf_^Y ^gj j]dYq Yhhda[Ylagf kmhhgjl3
;8
/VVV0
60
P
P
p/6 65,0
p/6 :,0
HFT9 4
567
6
G
6H
Q
P
0MIJ SMJQDHG
}}-? ;TDC }~*? 67TDC }*,? 79TDC
NYjYdd]d
j]kaklYf[] 60
EimanYd]fl
j]kaklYf[]
Cgad
j]kaklYf[]
LgeafYd
ngdlY_]
TDC
Na[c2mh
ngdlY_]
TDC
Djgh2gml
ngdlY_]
TDC
Ngo]j
[gfkmehlagf
U
0:67 1/>/
~? OC R]jeafYd *? NCB R]jeafYd ,? NdYkla[ Q`jgm\]\ -? K]lYd Q`jgm\]\
+? U]Yl`]jhjgg^ Cgn]j/QlYf\Yj\ n]jkagf ak oal`gml e]lYd ZjY[c]l@a^ e]lYd
ZjY[c]l ak f]]\]\1hd]Yk] _an] kh]a[Yd fgl] o`]f gj\]jaf_0
0MLQDEQ DOODLHGKGLQ
~5? 6 Fgje A
~C? 6 Fgje C
0MLQDEQ 8DQGOIDJ
4? A_QfM7
9IJ? A_La536:
:<12<694 693:<8/>6:9
>TNG
0MLPQOREQIML
=? UYk` la_`l
9IJ? Dmkl hjgl][l]\
;DODJJGJ OGPIPQMO
]3_3 /6<50 klYf\k ^gj ^dYk`]j dgY\1 /:::0 klYf\k ^gj PgHQ - EJT [gehdaYfl3 If [Yk] l`]j] Yj]
emdlahd] kh][aYd j]imaj]e]flk1 Ydd kh][aYd [g\]k k`gmd\ Z] ^gddgo]\ gf] Zq gf]3
Yl 78
@GOPIML
60 HFT9 ak Yf ]fnajgfe]flYd ^ja]f\dq hjg\m[l1 hd]Yk] eYjc kh][aYd [g\] /:::0 o`]f gj\]j3


Similar Part No. - HFV40061H2

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
HFV4 HONGFA-HFV4 Datasheet
97Kb / 6P
   AUTOMOTIVE RELAY
HFV4-SH HONGFA-HFV4-SH Datasheet
71Kb / 4P
   AUTOMOTIVE RELAY
HFV4/006-1H1SGD1 HONGFA-HFV4/006-1H1SGD1 Datasheet
97Kb / 6P
   AUTOMOTIVE RELAY
HFV4/006-1H1SGD2 HONGFA-HFV4/006-1H1SGD2 Datasheet
97Kb / 6P
   AUTOMOTIVE RELAY
More results

Similar Description - HFV40061H2

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com