Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFV7012HSPT Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFV7012HSPT
Description  AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV7012HSPT Datasheet(HTML) 1 Page - Hongfa Technology

  HFV7012HSPT Datasheet HTML 1Page - Hongfa Technology HFV7012HSPT Datasheet HTML 2Page - Hongfa Technology HFV7012HSPT Datasheet HTML 3Page - Hongfa Technology HFV7012HSPT Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- ?8C lpbm\abg` \ZiZ[bebmr
- Gqm^g]^] m^fi^kZmnk^ kZg`^ ni mh 9:=
- Wbma mkZglb^gm lniik^llbhg k^lblmhk
- EhgmZ\m `ZiB 86>ff
- 9 Hhkf C \hgmZ\m ZkkZg`^f^gm
- WZla mb`am Zg] ]nlm ikhm^\m^] mri^l ZoZbeZ[e^
- RhJS / GLV \hfiebZgm
92 GjnboZe^gm mh ma^ fZq6bgbmbZe \hgmZ\m k^lblmZg\^ bl =8f 1Zm 9C :<VFE26
:2 Oger _hk ?8C lmZg]Zk] mri^6
;2 Oger _hk ?8C lmZg]Zk] mri^6S^^ - LhZ] ebfbm \nko^ - _hk ]^mZbel6
<2 Ta^ oZen^ bl f^Zlnk^] pa^g ohemZ`^ ]khil ln]]^ger _khf ghfbgZe
ohemZ`^ mh 8 VFE Zg] \hbe bl ghm iZkZee^e^] pbma lniik^llbhg \bk\nbm6
=2 Sbg\^ bm bl Zg ^gobkhgf^gmZe _kb^g]er ikh]n\m4 ie^Zl^ l^e^\m e^Z]5_k^^
lhe]^k pa^g p^e]bg`6Ta^ k^\hff^g]^] lhe]^kbg` m^fi^kZmnk^ Zg]
mbf^ bl :<8 mh :>8 4:lmh=l6
IaZUONV :ZZVUON]UYX\
>QN]^[Q\
9C
Tri6B :8fV 1Zm 98C2
MZq*B ;8fV 1Zm 98C2
?8C 1Zm :; 2
=8C 1Zm @= 2
?8C ;2
=8VFE ;2
9C >VFE
9u98
=
OPS
9q98?OPS 1;88OPS7fbg2
VhemZ`^ ]khi 1bgbmbZe2 92
KgbmbZe bglneZmbhg k^lblmZg\^
=88M 1Zm =88VFE2
Oi^kZm^ mbf^
R^e^Zl^ mbf^
JONIHC RGLCY
KSOA889,KSO7TS9>A<A ,KSO9<889,OJSCS9@889 EGRTKHKGF
:88? R^o696:8
?9
@>K8
:JIECEIAK= G=B:M
EhgmZ\m ZkkZg`^f^gm
;@:G:;I=GAHIA;H
\ho^k k^m^gmbhg 1inee / inla2B :<=N fbg6
m^kfbgZe k^m^gmbhg 1inee / inla2B 988N fbg6
m^kfbgZe k^lblmZg\^ mh [^g]bg`
1_khgm / lb]^2B 98N fbg6
=88VCE 19fbg4 e^ZdZ`^
\nkk^gm e^ll maZg 9fC2
Tri6B >fl
MZq6B 98fl 1Zm ghfb6 ohe62
Tri6B <fl
MZq6B ?fl <2
5<8 mh 9:=
5<8 mh 9==
98Js mh =88Js 9?>f7l: 19@`2
:A<f7l: 1;8`2
QE4 PED =2
WZla mb`am4 Fnlm ikhm^\m^]
Ciikhq6;@`
T^kfbgZmbhg
Ehglmkn\mbhg
Ugbm p^b`am
R^Zk pbg]hp ]^_h``^k4 DZmm^kr ]bl\hgg^\mbhg4 Cbk5\hg]bmbhgbg`4 CDS4
J^Zmbg` \hgmkhe4 Hh` eZfi / a^Z]eb`am \hgmkhe4 Ehhebg` _Zg \hgmkhe4
Hn^e infi \hgmkhe4TkZ\mbhg \hgmkhe lrlm^f4 Php^k ]blmkb[nmbhg
M^\aZgb\Ze ]ZmZ
Fb^e^\mkb\ lmk^g`ma
Cf[b^gm m^fi^kZmnk^
SmhkZ`^ m^fi^kZmnk^
Vb[kZmbhg k^lblmZg\^
Sah\d k^lblmZg\^
MZq6\hgmbgnhnl \nkk^gm :2
MZq6lpbm\abg` \nkk^gm
MZq6lpbm\abg` ohemZ`^
Mbg6\hgmZ\m ehZ]
Ge^\mkb\Ze ^g]nkZg\^
M^\aZgb\Ze ^g]nkZg\^
9u98=
9u98=
9u98=
9u98=
?8
?8
9=8
=8
<8
<8
<8
<8
:
:
86=
:
:
:
<
98
:
:
<uJ<7>8W
Cf[b^gm
m^fi6
Mhmhk
LZfi :2
LhZ]
ohemZ`^
LhZ] mri^
EhgmZ\m
fZm^kbZe
LhZ] pbkbg`
]bZ`kZf ;2
LhZ] \nkk^gm
C
Ge^\mkb\Ze
^g]nkZg\^
OPS
R^lblmbo^
MZd^
Dk^Zd
MZd^ 92
Dk^Zd
MZd^
Dk^Zd
MZd^
Dk^Zd
MZd^
Dk^Zd
R^lblmbo^
Og7O__ kZmbh
Og
l
O__
l
S^^
]bZ`kZf :
S^^
]bZ`kZf <
S^^
]bZ`kZf ;
S^^
]bZ`kZf 9
R^lblmbo^
S^^
]bZ`kZf 9
;EDI:;I <:I: <2
SmZg]Zk]
9;6=VFE
C`Nb869=
C`SgO:
SmZg]Zk]
:?VFE
C`SgO:
C`SgO:
S^^
Cf[b^gm
m^fi6
\nko^
9u98=
C`SgO:
Lhp ehZ]
9;6=VFE


Similar Part No. - HFV7012HSPT

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV7/006-H4SPTM-D HONGFA-HFV7/006-H4SPTM-D Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H4SPTM-D1 HONGFA-HFV7/006-H4SPTM-D1 Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H4SPTM-R HONGFA-HFV7/006-H4SPTM-R Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H6SPTM-D HONGFA-HFV7/006-H6SPTM-D Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H6SPTM-D1 HONGFA-HFV7/006-H6SPTM-D1 Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
More results

Similar Description - HFV7012HSPT

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com