Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7350PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7350PBF
Description  HEXFET짰 Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7350PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF7350PBF Datasheet HTML 2Page - International Rectifier IRF7350PBF Datasheet HTML 3Page - International Rectifier IRF7350PBF Datasheet HTML 4Page - International Rectifier IRF7350PBF Datasheet HTML 5Page - International Rectifier IRF7350PBF Datasheet HTML 6Page - International Rectifier IRF7350PBF Datasheet HTML 7Page - International Rectifier IRF7350PBF Datasheet HTML 8Page - International Rectifier IRF7350PBF Datasheet HTML 9Page - International Rectifier IRF7350PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IRF7350PbF
6
www.irf.com
Fig 13. Typical On-Resistance Vs. Drain
Current
Fig 12. Typical On-Resistance Vs. Gate
Voltage
Fig 14. Typical Threshold Voltage Vs.
Junction Temperature
Fig 15. Typical Power Vs. Time
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
VGS, Gate -to -Source Voltage (V)
0.00
0.10
0.20
0.30
0.40
ID = 2.1A
02
468
10
ID , Drain Current (A)
0.15
0.16
0.17
0.18
VGS = 10V
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
ID = 250µA
1.00
10.00
100.00
1000.00
Time (sec)
0
10
20
30
40
50
60
70
N-CHANNEL


Similar Part No. - IRF7350PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7350PBF IRF-IRF7350PBF Datasheet
314Kb / 16P
   Ultra Low On-Resistance
More results

Similar Description - IRF7350PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com