Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8043H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8043H
Description  Satellite Demodulator and Decoder SDD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8043H Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8043H Datasheet HTML 1Page - NXP Semiconductors TDA8043H Datasheet HTML 2Page - NXP Semiconductors TDA8043H Datasheet HTML 3Page - NXP Semiconductors TDA8043H Datasheet HTML 4Page - NXP Semiconductors TDA8043H Datasheet HTML 5Page - NXP Semiconductors TDA8043H Datasheet HTML 6Page - NXP Semiconductors TDA8043H Datasheet HTML 7Page - NXP Semiconductors TDA8043H Datasheet HTML 8Page - NXP Semiconductors TDA8043H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Feb 13
4
Philips Semiconductors
Product specification
Satellite Demodulator and Decoder (SDD)
TDA8043
QUICK REFERENCE DATA
Notes
1. These values are specified for a symbol rate of 27.5 Msymbols/s, a puncturing rate of 3
4 and a clock frequency of
65 MHz.
2. A range from 3 to 32 Msymbols/s can be achieved with one SAW filter. By using an internal clock divider and
reducing the external SAW filter bandwidth, symbol rates down to 0.5 Msymbols/s can be achieved by using a
65 MHz crystal clock.
3. This data was measured in a laboratory environment at a symbol rate of 27.5 Msymbols/s, a clock frequency of
65 MHz, a signal-to-noise ratio of 4.5 dB and including a tuner.
PINNING
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
3.0
3.3
3.6
V
VDDD
digital supply voltage
3.0
3.3
3.6
V
IDD(tot)
total supply current
VDDD = 3.3 V; note 1 −
390
mA
fclk
clock frequency
−−
65
MHz
rs
symbol rate
note 2
0.5
32
Msymbols/s
α
nyquist roll-off (selectable)
35 or 50
%
IL
implementation loss
note 3
0.3
dB
S/N
signal-to-noise ratio for locking
the SDD
QPSK mode; note 1
2
−−
dB
Ptot
total power dissipation
Tamb =70°C; note 1
1285
1650
mW
Tstg
IC storage temperature
−55
+150
°C
Tamb
operating ambient temperature
0
70
°C
Tj
operating junction temperature
Tamb =70 °C
−−
125
°C
SYMBOL
PIN
I/O
DESCRIPTION
I2
1
I
digital I-input bit 2 (ADC bypass); note 1
I3
2
I
digital I-input bit 3 (ADC bypass); note 1
VSSD1
3
digital ground 1
n.c.
4
not connected
n.c.
5
not connected
I4
6
I
digital I-input bit 4 (ADC bypass); note 1
I5
7
I
digital I-input bit 5 (ADC bypass); note 1
I6
8
I
digital I-input bit 6 (ADC bypass: MSB); note 1
Q0
9
I
digital Q-input bit 0 (ADC bypass: LSB); note 1
VDDD1
10
digital supply voltage 1
Q1
11
I
digital Q-input bit 1 (ADC bypass); note 1
Q2
12
I
digital Q-input bit 2 (ADC bypass); note 1
Q3
13
I
digital Q-input bit 3 (ADC bypass); note 1
Q4
14
I
digital Q-input bit 4 (ADC bypass); note 1
VSSD2
15
digital ground 2
Q5
16
I
digital Q-input bit 5 (ADC bypass); note 1
Q6
17
I
digital Q-input bit 6 (ADC bypass: MSB); note 1


Similar Part No. - TDA8043H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
   Quadrature demodulator controller
November 1994
TDA8042 PHILIPS-TDA8042 Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
   Satellite demodulator and decoder
2000 Feb 21
More results

Similar Description - TDA8043H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
   Satellite demodulator and decoder
2000 Feb 21
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
   Satellite Demodulator and Decoder SDD3
1999 Jul 28
logo
Zarlink Semiconductor I...
ZL10312 ZARLINK-ZL10312 Datasheet
340Kb / 15P
   Satellite Demodulator
ZL10313 ZARLINK-ZL10313 Datasheet
450Kb / 26P
   Satellite Demodulator
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
   Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
STMicroelectronics
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
   TV AND SATELLITE DECODER SCANNING PROCESSOR
September 1993
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Mitel Networks Corporat...
VP305 MITEL-VP305 Datasheet
652Kb / 85P
   Satellite Channel Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com