Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFV80061H2S Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFV80061H2S
Description  AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV80061H2S Datasheet(HTML) 1 Page - Hongfa Technology

  HFV80061H2S Datasheet HTML 1Page - Hongfa Technology HFV80061H2S Datasheet HTML 2Page - Hongfa Technology HFV80061H2S Datasheet HTML 3Page - Hongfa Technology HFV80061H2S Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
>@
UgdlY_] \jgh 1afalaYd282
DgflY[l YjjYf_]e]fl
LYp5 koal[`af_ [mjj]fl
LYp5 koal[`af_ ngdlY_]
Laf5 [gflY[l dgY\
Fd][lja[Yd ]f\mjYf[]
L][`Yfa[Yd ]f\mjYf[]
UaZjYlagf j]kaklYf[]
8B3 8D
Sqh5A <7eU 1Yl 87B2
LYp5A 9<7eU 1Yl 87B2
MNA ;7B1Yl 9: 2
MDA :7B1Yl 9: 2
;7B 92
><UED 92
8B=UED
8p87< NOR
8p87> NOR 1:77NOR6eaf2
<77L 1Yl <77UED2
Z]lo]]f [gflY[lkA <77UBD
Z]lo]]f [gad / [gflY[lkA <77UBD
Sqh55A <ek
LYp5A 87ek 1Yl fgea5 ngd52
8t87<
;7
;7
:7
:7
;7
;7
85<
85<
9:
:7
?>
?>B
82 V`]f Yhhda]\ af ^dYk`]j3 Y kh][aYd kadn]j Yddgq 1B_RfN92 [gflY[l eYl]jaYd k`gmd\ Z] mk]\ Yf\ l`] [mklge]j kh][aYd [g\] k`gmd\ Z] 18>72 Yk Y
km^^ap5 Od]Yk] `]]\ l`] Yfg\] Yf\ [Yl`g\]0k j]im]kl o`]f oaj]\3 l]jeafYd :7- k`gmd\ [gff][l oal` Yfg\]5
92 V`]f l`] dgY\ j]imaj]e]fl ak \a^^]j]fl ^jge [gfl]fl g^ l`] lYZd] YZgn]3 hd]Yk] [gflY[l Igf_^Y ^gj j]dYq Yhhda[Ylagf kmhhgjl5|
Q]d]Yk] lae]
Ea]d][lja[ klj]f_l` :2
Sqh5A :ek
LYp5A =ek ;2
4;7 lg 89<
4;7 lg 8<<
87Ir lg ;7Ir 859>ee EB
;7Ir lg >7Ir ;@e6k9 1<_2
>7Ir lg 877Ir 75<ee EB
877Ir lg <77Ir @?e6k9 187_2
8@=e6k9 197_2
95?ee PD
VYk` la_`l3 Emkl hjgl][l]\
RlYf\Yj\A Bhhjgp5 99_
VYl]hjgg^ [gn]jA Bhhjgp5 :>_
82 FimanYd]fl lg l`] eYp5 afalaYd [gflY[l j]kaklYf[] ak 877e 1Yl 8B=UED25
92 R]] ,KgY\ daeal [mjn],5
:2 8eaf3 d]YcY_] [mjj]fl d]kk l`Yf 8eB5
;2 S`] nYdm] ak e]Ykmj]\ o`]f ngdlY_] \jghk km\\]fdq ^jge fgeafYd
ngdlY_] lg 7 UED Yf\ [gad ak fgl hYjYdd]d]\ oal` kmhhj]kkagf [aj[mal5
6IFSTQIR
@VPKGFL 2PPLKGFSKONR
8B
KgY\
ngdlY_]
KgY\ lqh] 82
DgflY[l
eYl]jaYd
KgY\ oajaf_
\aY_jYe
8D
KgY\ [mjj]fl B
Fd][lja[Yd
]f\mjYf[]
NOR
Q]kaklan]
LYc]
Cj]Yc
INMHGBQFKBX
JRN@778{JRN6SR8=@;@ {JRN8;778{NIRBR8?778 DFQSJGJFE
977> Q]n5 8577
BeZa]fl
l]eh5
Nf6N^^ jYlag
Nf
k
N^^
k
Tfal o]a_`l
S]jeafYlagf
Dgfkljm[lagf
Nh]jYl] lae]
JfalaYd afkmdYlagf j]kaklYf[]
LYp5 [gflafmgmk [mjj]fl
Q
Q
86B0
}
}
}
}
95?ee PD l]jeafYdk YnYadYZd]
VYk` la_`l Yf\ \mkl hjgl][l]\ lqh]k YnYadYZd]
8 Ggje B/ 8 Ggje D [gflY[l YjjYf_]e]fl
QgIR / FKU [gehdaYfl
3=<@23@ 42@2 92
2A@=;=@9B5 >5:2D
382>23@5>9?@93?
Gm]d hmeh [gfljgd3 GYf [gfljgd3 Igjf [gfljgd3
Gg_ dYeh / `]Y\da_`l [gfljgd3 B6D [gehj]kkgj [dml[`
8:5<UED
B_RfN9
MN
MD
MN
BeZa]fl l]eh]jYlmj]
RlgjY_] l]eh]jYlmj]
R`g[c j]kaklYf[]


Similar Part No. - HFV80061H2S

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV11 HONGFA-HFV11 Datasheet
46Kb / 2P
   AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11 Datasheet
49Kb / 3P
   AUTOMOTIVE RELAY
HFV11/12-HRXXX HONGFA-HFV11/12-HRXXX Datasheet
46Kb / 2P
   AUTOMOTIVE RELAY
HFV11/12-HS-R HONGFA-HFV11/12-HS-R Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFV11/12-HSRXXX HONGFA-HFV11/12-HSRXXX Datasheet
46Kb / 2P
   AUTOMOTIVE RELAY
More results

Similar Description - HFV80061H2S

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com