Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8050 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8050
Description  TDA8046H
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8050 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8050 Datasheet HTML 3Page - NXP Semiconductors TDA8050 Datasheet HTML 4Page - NXP Semiconductors TDA8050 Datasheet HTML 5Page - NXP Semiconductors TDA8050 Datasheet HTML 6Page - NXP Semiconductors TDA8050 Datasheet HTML 7Page - NXP Semiconductors TDA8050 Datasheet HTML 8Page - NXP Semiconductors TDA8050 Datasheet HTML 9Page - NXP Semiconductors TDA8050 Datasheet HTML 10Page - NXP Semiconductors TDA8050 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1999 Dec 14
7
Philips Semiconductors
Product specification
QPSK transmitter
TDA8050
Converter output
Vo
output level
fi = 30 MHz; Vi(dif) = 100 mV
at I and Q inputs
37.5
40
42.5
dBmV
∆V
o
output flatness
fi = 5 to 40 MHz;
Vi(dif) = 100 mV at I and Q
inputs
−−
2dB
fc
output centre frequency
5
40
MHz
Zo(dif)
differential output impedance
150
−Ω
IM3
3rd-order intermodulation distortion see Fig.4
−−−35
dBc
H2
2nd-order harmonic of 5 to 40 MHz
signal
fi = 10 to 80 MHz;
Vi(dif) = 100 mV at I and Q
inputs
−−−45
dBc
H3
3rd-order harmonic of 5 to 40 MHz
signal
fi = 15 to 120 MHz;
Vi(dif) = 100 mV at I and Q
inputs
−−−45
dBc
So
mixer spurious outputs of
5 to 40 MHz signal
fi = 5 to 40 MHz;
Vi(dif) = 100 mV at I and Q
inputs
−−−50
dBc
Converter voltage controlled oscillator
fosc(min)
minimum oscillation frequency
−−
145
MHz
fosc(max)
maximum oscillation frequency
180
−−
MHz
Programmable gain and output buffer; note 1
Zi(dif)
differential input impedance
5.6
k
∆G
output level step size
−−
2dB
∆Buf
o
output level adjust range
Vi = 30 dBmV sine wave;
40 MHz at pin
RF_IN and RF_INC;
DAC = 0 to 31
32
−−
dB
Vo
output level
55
dBmV
∆V
o
output flatness
fi = 5 to 40 MHz;
Vi = 30 dBmV sine wave;
DAC = 28
−−
2dB
VO(ENL)
output controlled enable LOW
output buffer on
−−
0.8
V
VO(ENH)
output controlled enable HIGH
output buffer off
2.4
−−
V
ISO
disable isolation
Vi(dif) = 100 mV;
Vo = 55 dBmV; DAC = 28;
fi = 40 MHz; OE = 0.5
−35
−−
dBc
G(max)
maximum gain
see Fig.5
22
dB
Vo(1dB)
1 dB compression point
see Fig.5
60
−−
dBmV
H2
2nd-order harmonic of 5 to 40 MHz
signal
see Fig.6
fi =10to40MHz
−−−45
dBc
fi= 54 to 120 MHz
−−−35
dBc
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA8050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com