Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFV6024ZTR Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFV6024ZTR
Description  AUTOMOTIVE RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV6024ZTR Datasheet(HTML) 2 Page - Hongfa Technology

  HFV6024ZTR Datasheet HTML 1Page - Hongfa Technology HFV6024ZTR Datasheet HTML 2Page - Hongfa Technology HFV6024ZTR Datasheet HTML 3Page - Hongfa Technology HFV6024ZTR Datasheet HTML 4Page - Hongfa Technology HFV6024ZTR Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
;2 Tb_ fi[^ ch nb_ n[\f_ _r]fo^_m `f[mb_l5 Wb_h [jjfc_^ ch `f[mb_l3 jf_[m_ ]ihh_]n \s nb_ jif[lcns l_ko_mn []]il^cha ^c[al[g :3 [ mj_]c[f mcfp_l [ffis
]ihn[]n g[n_lc[f mbiof^ \_ om_^ [h^ nb_ ]omnig_l mj_]c[f ]i^_ mbiof^ \_ 18>72 [m [ mo``cr5
<2 Li[^m g_hncih_^ ch nbcm ]b[ln cm `il l_f[sm qcnb hi j[l[ff_f ^ci^_ il Z_h_l Eci^_5 Gil nbim_ qcnb j[l[ff_f ^ci^_3 Z_h_l Eci^_ il inb_l ]igjih_hnm3
jf_[m_ ]ihn[]n Iiha`[ `il gil_ n_]bhc][f mojjilnm5
Pf_[m_ [fmi ]ihn[]n Iiha`[ c` nb_ []no[f [jjfc][ncih fi[^ cm ^c``l_hn `lig qb[n g_hncih_^ [\ip_^5
82 Dill_mjih^m ni nb_ j_[e chlomb ]oll_hn ih chcnc[f []no[ncih5
92 Dill_mjih^m ni nb_ j_[e chlomb ]oll_hn ih chcnc[f []no[ncih 1]if^ `cf[g_hn25
:2 Tb_ fi[^ qclcha ^c[al[gm [l_ fcmn_^ \_fiqA
<@
^c[al[g 8
^c[al[g 9
^c[al[g :
^c[al[g ;
^c[al[g <
L[gj
R_mcmncp_
R_mcmncp_
Jh^o]ncp_
Jh^o]ncp_
@A P[l[ff_f nl[hmc_hn mojjl_mmcih l_mcmnilm
4A P[l[ff_f nl[hmc_hn mojjl_mmcih ^ci^_3 qcnb [hi^_ ]ihh_]n_^ ni n_lgch[f.9
4-A P[l[ff_f nl[hmc_hn mojjl_mmcih ^ci^_3 qcnb [hi^_ ]ihh_]n_^ ni n_lgch[f.8
=NOA Wcnbion j[l[ff_f ]igjih_hnm
1XXX2
=RVLU1 82 Eomn jlin_]n_^ p_lmcih cm l_]igg_h^_^5
92 Dihn[]n cm l_]igg_h^_^ `il mocn[\f_ ]ih^cncih [h^ mj_]c`c][ncihm c` q[n_l ]f_[hcha il mol`[]_ jli]_mm cm chpifp_^ ch [mm_g\fcha l_f[sm ih
PDC5
:2 J` j[l[ff_f ^ci^_3 Z_h_l Eci^_ il inb_l ]igjih_hnm [l_ l_kocl_^3 jf_[m_ ]ihn[]n Iiha`[ `il gil_ n_]bhc][f mojjilnm5
[n 9:
[n ?<
89
89
9;
9;
89
89
9;
9;
>59
>59
8;5;
8;5;
>59
>59
8;5;
8;5;
859
859
95;
95;
859
859
95;
95;
@7
@7
:=7
:=7
89;
89;
;;8
;;8
444
=?7
444
9>77
444
=?7
444
8?77
444
>@5<
444
:8>5=
444
87;5@
444
:<;59
85=
85?
85=
85?
859
85;
85:
85=
97
97
;7
;7
9<
97
;>
::
8<
8<
:7
:7
8@
8<
:<
9<
82 M[r5 [ffiq[\f_ ip_l^lcp_ pifn[a_ cm mn[n_^ qcnb hi fi[^ [jjfc_^ [h^ gchcgog ]icf l_mcmn[h]_5
Sn[h^[l^
M[r5 [ffiq[\f_ ip_l^lcp_
pifn[a_ 82 VED
r18 87/2
r18 87/2
r18 </2
<
:
IGV= 6
Z
S
789
R
4T
L
86D0AQD
86D0+:AHlcj0QD
86D0+?A PDC
3RQVIJV PIVLTNIO
BA BaShO9
BZSL
3RQVIJV ITTIQMLPLQV 8A 8 Gilg B
HA 8 Gilg D
3RNO XROVIML
,-.A 89VED
,./A 9;VED
3RNO SRYLT
;A S_hmcncp_
=NOA Sn[h^[l^
3RQUVTWJVNRQ 82
AA Pf[mnc] m_[f_^ 92 =NOA Eomn jlin_]n_^
>@45@9=7 9=6>@<2B9>=
P[l[ff_f
l_mcmn[h]_
Fkocp[f_hn
l_mcmn[h]_
Dicf
l_mcmn[h]_
Nigch[f
pifn[a_
VED
Pc]e4oj
pifn[a_
VED
g[r5
Elij4ion
pifn[a_
VED
gch5
Piq_l
]ihmogjncih
W
3>9; 42B2
[n 9:
S_hmcncp_
<
:
:
<
:
R
:
<
;
:
R
R
:
<
;
:
?ITIOOLO JRNO :2
JRPSRQLQVU
ASLJNIO JRKL;2
FFF1 Domnig_l mj_]c[f l_kocl_g_hn
=NO1 Sn[h^[l^
;2 Tb_ ]omnig_l mj_]c[f l_kocl_g_hn _rjl_mm [m mj_]c[f ]i^_ [`n_l _p[fo[ncha \s Iiha`[5 _5a5 18>72 mn[h^m `il `f[mb_l fi[^5


Similar Part No. - HFV6024ZTR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV6 HONGFA-HFV6 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
HFV6-G HONGFA-HFV6-G Datasheet
65Kb / 4P
   AUTOMOTIVE RELAY
HFV6-G/12-HSTN-D HONGFA-HFV6-G/12-HSTN-D Datasheet
65Kb / 4P
   AUTOMOTIVE RELAY
HFV6-G/12-HSTN-D1 HONGFA-HFV6-G/12-HSTN-D1 Datasheet
65Kb / 4P
   AUTOMOTIVE RELAY
More results

Similar Description - HFV6024ZTR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com