Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1626 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1626
Description  High-Precision 3-Wire Digital Thermometer and Thermostat
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1626 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1626_07 Datasheet HTML 1Page - Dallas Semiconductor DS1626_07 Datasheet HTML 2Page - Dallas Semiconductor DS1626_07 Datasheet HTML 3Page - Dallas Semiconductor DS1626_07 Datasheet HTML 4Page - Dallas Semiconductor DS1626_07 Datasheet HTML 5Page - Dallas Semiconductor DS1626_07 Datasheet HTML 6Page - Dallas Semiconductor DS1626_07 Datasheet HTML 7Page - Dallas Semiconductor DS1626_07 Datasheet HTML 8Page - Dallas Semiconductor DS1626_07 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
071107
FEATURES
Temperature Measurements Require No
External Components
Measure Temperatures from -55°C to +125°C
(-67°F to +257°F)
DS1626:
±0.5°C Accuracy from 0°C to
+70°C
DS1726:
±1°C Accuracy from -10°C to
+85°C
Output Resolution is User-Selectable to 9, 10,
11, or 12 Bits
Wide Power-Supply Range (2.7V to 5.5V)
Convert Temperature to Digital Word in
750ms (max)
Stand-Alone Thermostat Capability
Thermostatic Settings are User-Definable and
Nonvolatile (NV)
Data is Read/Written Through a 3-Wire Serial
Interface
Available in 8-Pin
μMAX/μSOP Package
PIN CONFIGURATION
DESCRIPTION
The DS1626 and DS1726 digital thermometers/thermostats provide temperature measurements and stand-
alone thermostat capability over a -55°C to +125°C range. The DS1626 offers ±0.5°C accuracy from 0°C to
+70°C and the DS1726 has ±1°C accuracy from -10°C to +85°C. The resolution of the measured
temperature is user-selectable from 9 to 12 bits. Communication with the DS1626 and DS1726 is achieved
through a 3-wire serial bus.
The DS1626 and DS1726 offer thermostatic functionality with three dedicated thermostat outputs (THIGH,
TLOW, and TCOM), and over-temperature (TH) and under-temperature (TL) user-programmable thresholds
stored in on-chip EEPROM. For stand-alone thermostat operation, TH and TL can be programmed prior to
installation, and the DS1626/DS1726 can be configured to automatically begin taking temperature
measurements at power-up.
Pin descriptions for the DS1626 and DS1726 are provided in Table 2 and user-accessible registers are
summarized in Table 3. A functional diagram is shown in Figure 1.
DS1626/DS1726
High-Precision 3-Wire Digital
Thermometer and Thermostat
www.maxim-ic.com
μSOP
(DS1626U, DS1726U)
CLK/
CNV
VDD
THIGH
TLOW
TCOM
GND
RST
DQ
6
8
7
5
3
1
2
4
See Table 1 for Ordering Information
See Table 2 for Pin Descriptions
APPLICATIONS
Thermostatic Controls
Industrial Controls
Consumer Products
Any Space-Constrained Thermally Sensitive
Application


Similar Part No. - DS1626_07

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1626U DALLAS-DS1626U Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626U MAXIM-DS1626U Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U++ MAXIM-DS1626U+ Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U+T&R MAXIM-DS1626U+T&R Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U/T&R MAXIM-DS1626U/T&R Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
More results

Similar Description - DS1626_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1721U MAXIM-DS1721U Datasheet
269Kb / 17P
   2-Wire Digital Thermometer and Thermostat
110405
DS1721 MAXIM-DS1721 Datasheet
263Kb / 17P
   2-Wire Digital Thermometer and Thermostat
110405
logo
Dallas Semiconductor
DS1721 DALLAS-DS1721 Datasheet
210Kb / 16P
   2-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com