Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JE6B482HB2 Datasheet(PDF) 3 Page - Hongfa Technology

Part # JE6B482HB2
Description  HIGH POWER LATCHING RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE6B482HB2 Datasheet(HTML) 3 Page - Hongfa Technology

  JE6B482HB2 Datasheet HTML 1Page - Hongfa Technology JE6B482HB2 Datasheet HTML 2Page - Hongfa Technology JE6B482HB2 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
c^Lg_e
cj_i
bj
f_ai
a_i
g
*H?4 n 2>=C02C C4A<8=0;
}4B4C [z55\~4C [z=\
o>8; -8A8=6 p806A0<
~4C [z=\
}4B4C [z55\
p8B2;08<4A
*78B 30C0B744C 8B 5>A C74 2DBC><4ABM A454A4=24_m;; C74 B?4285820C8>=B 0A4 BD1942C C> 270=64 F8C7>DC =>C824_
-4 2>D;3 =>C 4E0;D0C4 0;; C74 ?4A5>A<0=24 0=3 0;; C74 ?0A0<4C4AB 5>A 4E4AH ?>BB81;4 0??;820C8>=_ *7DB C74 DB4A B7>D;3 14 8= 0 A867C ?>B8C8>= C>
27>>B4 C74 BD8C01;4 ?A>3D2C 5>A C748A >F= 0??;820C8>=_u5 C74A4 8B 0=H @D4AH] ?;40B4 2>=C02C t>=650 5>A C74 C427=820; B4AE824_t>F4E4A] 8C 8B C74 DB4AMB
A4B?>=B818;8CH C> 34C4A<8=4 F7827 ?A>3D2C B7>D;3 14 DB43 >=;H_
J .80<4= t>=650 q;42CA>02>DBC82 o>_] wC3_ m;; A867CB >5 t>=650 0A4 A4B4AE43_
zDC;8=4 p8<4=B8>=B
}4<0A:ku= 20B4 >5 => C>;4A0=24 B7>F= 8= >DC;8=4 38<4=B8>=k >DC;8=4 38<4=B8>= Tb<<] C>;4A0=24 B7>D;3 14 Ka_c<<l >DC;8=4 38<4=B8>= Vb<<
0=3 Tf<<] C>;4A0=24 B7>D;3 14 Ka_d<<l >DC;8=4 38<4=B8>= Vf<<] C>;4A0=24 B7>D;3 14 Ka_e<<_
che
<A@97;3 27:3;?7<;? /;2 C7>7;5 27/5>/:
+=8Ck <<
hi
ja_g
gf_i
fa
ia
baa
e^Le_c
e^c_e


Similar Description - JE6B482HB2

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
   HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE9 HONGFA-JE9 Datasheet
132Kb / 5P
   HIGH POWER LATCHING RELAY
JE22 HONGFA-JE22 Datasheet
73Kb / 3P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com