Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8060TS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8060TS
Description  Satellite ZERO-IF QPSK down-converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8060TS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8060TS Datasheet HTML 2Page - NXP Semiconductors TDA8060TS Datasheet HTML 3Page - NXP Semiconductors TDA8060TS Datasheet HTML 4Page - NXP Semiconductors TDA8060TS Datasheet HTML 5Page - NXP Semiconductors TDA8060TS Datasheet HTML 6Page - NXP Semiconductors TDA8060TS Datasheet HTML 7Page - NXP Semiconductors TDA8060TS Datasheet HTML 8Page - NXP Semiconductors TDA8060TS Datasheet HTML 9Page - NXP Semiconductors TDA8060TS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Aug 30
6
Philips Semiconductors
Product specification
Satellite ZERO-IF QPSK down-converter
TDA8060TS
AC CHARACTERISTICS
Tamb =25 °C; VCC = 5 V; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Quadrature generator
fosc
oscillator frequency range
920
2200
MHz
ΦN
osc
oscillator phase noise
at 10 kHz offset;
note 1
−−80
−75
dBc/Hz
∆Φ
absolute quadrature error
note 2
0
3
deg
fLOOUT
output frequency
VPEN =0V
fosc
MHz
VPEN =VCC
1
2fosc
MHz
Vo(diff)(LOOUT)
differential output voltage at pin LOOUT
RL = 100 Ω
differential
−30
−22
dBm
Z
o(diff)(LOOUT)
differential output impedance at pin LOOUT
60
−Ω
Conversion stage
Ri(diff)
series real part of differential input
impedance at pins RFA and RFB
note 3
34
−Ω
Li(diff)
series inductance of differential input
impedance at pins RFA and RFB
note 3
5
nH
Pi(max)
maximum input power per channel
−−22
dBm
Pi(min)
minimum input power per channel
−−52
dBm
∆Gv/∆V(slope)
AGC slope
at Gv(RF-IOUT)(min)
30
40
dB/V
∆Gv(I-Q)
voltage gain mismatch between I and Q
−−
1dB
∆td(g)(RF-IOUT)
group delay variation per channel (40 MHz)
from RF input to pin IOUT
0.5
2
ns
∆td(g)(RF-QOUT)
group delay variation per channel (40 MHz)
from RF input to pin QOUT
0.5
2
ns
td(g)(I-Q)(40)
group delay mismatch per channel (40 MHz)
between I and Q
0
0.5
ns
B(−1dB)(RF-IOUT)
channel
−1 dB bandwidth from RF input to
pin IOUT
40
50
MHz
B(−1dB)(RF-QOUT)
channel
−1 dB bandwidth from RF input to
pin QOUT
40
50
MHz
B(−3dB)(RF-IOUT)
channel
−3 dB bandwidth from RF input to
pin IOUT
70
80
MHz
B(−3dB)(RF-QOUT)
channel
−3 dB bandwidth from RF input to
pin QOUT
70
80
MHz
Zo(IOUT)
output impedance at pin IOUT
65
−Ω
Zo(QOUT)
output impedance at pin QOUT
65
−Ω
Vo(IOUT)
nominal output voltage level at pin IOUT
per channel
25
dBmV
Vo(QOUT)
nominal output voltage level at pin QOUT
per channel
25
dBmV
RoL(IOUT)
resistive load at pin IOUT
400
−−Ω
RoL(QOUT)
resistive load at pin QOUT
400
−−Ω


Similar Part No. - TDA8060TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
More results

Similar Description - TDA8060TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
NXP Semiconductors
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
logo
Maxim Integrated Produc...
MAX12005 MAXIM-MAX12005 Datasheet
1Mb / 14P
   Satellite IF Switch
Rev 1; 10/11
logo
Sony Corporation
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
   L-band Down Converter for Satellite Tuner
logo
Faraday Technology
FB281 FARADAY-FB281 Datasheet
89Kb / 2P
   SATELLITE IF CHANNEL FILTERS
logo
Toshiba Semiconductor
TA1296FN TOSHIBA-TA1296FN Datasheet
227Kb / 22P
   Down-Converter IC with PLL for Satellite Tuner
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
   8PSK/QPSK low-power 3.3 V satellite tuner IC
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
   8PSK/QPSK low-power 3.3-V satellite tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com