Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF105F-1277A-1Z Datasheet(PDF) 6 Page - Hongfa Technology

Part # HF105F-1277A-1Z
Description  MINIATURE HIGH POWER RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF105F-1277A-1Z Datasheet(HTML) 6 Page - Hongfa Technology

  HF105F-1277A-1Z Datasheet HTML 1Page - Hongfa Technology HF105F-1277A-1Z Datasheet HTML 2Page - Hongfa Technology HF105F-1277A-1Z Datasheet HTML 3Page - Hongfa Technology HF105F-1277A-1Z Datasheet HTML 4Page - Hongfa Technology HF105F-1277A-1Z Datasheet HTML 5Page - Hongfa Technology HF105F-1277A-1Z Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
w@J:C8@D<I
2?@J ;8K8J?<<K @J =FI K?< :LJKFD<IJU I<=<I<E:<dtCC K?< JG<:@=@:8K@FEJ 8I< JL9A<:K KF :?8E>< N@K?FLK EFK@:<d
5< :FLC; EFK <M8CL8K< 8CC K?< G<I=FID8E:< 8E; 8CC K?< G8I8D<K<IJ =FI <M<IP GFJJ@9C< 8GGC@:8K@FEd 2?LJ K?< LJ<I J?FLC; 9< @E 8 I@>?K GFJ@K@FE KF
:?FFJ< K?< JL@K89C< GIF;L:K =FI K?<@I FNE 8GGC@:8K@FEd|= K?<I< @J 8EP HL<IPb GC<8J< :FEK8:K {FE>=8 =FI K?< K<:?E@:8C J<IM@:<d{FN<M<Ib @K @J K?< LJ<IUJ
I<JGFEJ@9@C@KP KF ;<K<ID@E< N?@:? GIF;L:K J?FLC; 9< LJ<; FECPd
R 6@8D<E {FE>=8 xC<:KIF8:FLJK@: vFdb *K;d tCC I@>?KJ F= {FE>=8 8I< I<J<IM<;d
5:3A35C7A;BC;5 5DAE7B
gni
gif
of
nf
gff
ghf
ggf
gkf
gjf
glf
ift
ft
hkt
hft
gkt
tv *F8;
wv *F8;
gt
gv `,-a
gu
gv `,va
gt
gv `,-a
gu
gv `,va
gf
hf
jf
if
v-|*2x+.x0t230x 0|1x
.<I:<EK8>< -= ,FD@E8C vF@C 4FCK8><
+t6|+3+ 15|2v{|,z .-5x0
vFEK8:K 4FCK8>< `4a
x,w30t,vx v304x
vFEK8:K vLII<EK `ta
f
jf
ggf
of
nf
mf
kf
lf
f
g
gff
jf
if
hf
gk
gff
gf
gf
gff
hff
gfff
g
if
gff
gf


Similar Part No. - HF105F-1277A-1Z

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF105F-1018A6-1DSTF HONGFA-HF105F-1018A6-1DSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018A6-1HSTF HONGFA-HF105F-1018A6-1HSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018A6-1ZSTF HONGFA-HF105F-1018A6-1ZSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018AT-1DSTF HONGFA-HF105F-1018AT-1DSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018AT-1HSTF HONGFA-HF105F-1018AT-1HSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF105F-1277A-1Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com