Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC32 Datasheet(PDF) 11 Page - Microchip Technology

Part # 24LC32
Description  32K 2.5V I2C??Smart Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24LC32 Datasheet HTML 6Page - Microchip Technology 24LC32 Datasheet HTML 7Page - Microchip Technology 24LC32 Datasheet HTML 8Page - Microchip Technology 24LC32 Datasheet HTML 9Page - Microchip Technology 24LC32 Datasheet HTML 10Page - Microchip Technology 24LC32 Datasheet HTML 11Page - Microchip Technology 24LC32 Datasheet HTML 12Page - Microchip Technology 24LC32 Datasheet HTML 13Page - Microchip Technology 24LC32 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
24LC32
 2004 Microchip Technology Inc.
DS21072G-page 11
24LC32 Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
3.
The Microchip Worldwide Web Site (www.microchip.com)
Package:
P = Plastic DIP (300 mil Body), 8-lead
SM = Plastic SOIC (207 mil Body, EIAJ standard)
Temperature
Blank = 0
°C to +70°C
Range:
I =-40
°C to +85°C
Device:
24LC32
32K I2C Serial EEPROM (100 kHz, 400 kHz)
24LC32T
32K I2C Serial EEPROM (Tape and Reel)
24LC32
/P


Similar Part No. - 24LC32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC32 MICROCHIP-24LC32 Datasheet
474Kb / 16P
   32K I 2 C??Serial EEPROM in ISO Micromodule
2010
24LC320-IP MICROCHIP-24LC320-IP Datasheet
87Kb / 12P
   32K 2.5V SPI Bus Serial EEPROM
1996
24LC320-ISN MICROCHIP-24LC320-ISN Datasheet
87Kb / 12P
   32K 2.5V SPI Bus Serial EEPROM
1996
24LC320-IST MICROCHIP-24LC320-IST Datasheet
87Kb / 12P
   32K 2.5V SPI Bus Serial EEPROM
1996
24LC320-P MICROCHIP-24LC320-P Datasheet
87Kb / 12P
   32K 2.5V SPI Bus Serial EEPROM
1996
More results

Similar Description - 24LC32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32 MICROCHIP-24AA32_04 Datasheet
137Kb / 14P
   32K 1.8V I2C??Smart Serial??EEPROM
2004
24C32 MICROCHIP-24C32_04 Datasheet
137Kb / 14P
   32K 5.0V I2C Smart Serial EEPROM
2004
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
   32K 5.0V I2C Smart Serial EEPROM
1996
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32A-I MICROCHIP-24LC32A-I Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com