Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C32 Datasheet(PDF) 8 Page - Microchip Technology

Part # 24C32
Description  32K 5.0V I2C Smart Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C32 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24C32 Datasheet HTML 4Page - Microchip Technology 24C32 Datasheet HTML 5Page - Microchip Technology 24C32 Datasheet HTML 6Page - Microchip Technology 24C32 Datasheet HTML 7Page - Microchip Technology 24C32 Datasheet HTML 8Page - Microchip Technology 24C32 Datasheet HTML 9Page - Microchip Technology 24C32 Datasheet HTML 10Page - Microchip Technology 24C32 Datasheet HTML 11Page - Microchip Technology 24C32 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
24C32
DS21061H-page 8
 2004 Microchip Technology Inc.
6.3
Contiguous Addressing Across
Multiple Devices
The device select bits A2, A1, A0 can be used to
expand the contiguous address space for up to 256K
bits by adding up to eight 24C32's on the same bus. In
this case, software can use A0 of the control byte as
address bit A12, A1 as address bit A13, and A2 as
address bit A14.
6.4
Sequential Read
Sequential reads are initiated in the same way as a ran-
dom read except that after the 24C32 transmits the first
data byte, the master issues an acknowledge as
opposed to the stop condition used in a random read.
This acknowledge directs the 24C32 to transmit the
next sequentially addressed 8 bit word. (Figure 6-3).
Following the final byte transmitted to the master, the
master will NOT generate an acknowledge but will gen-
erate a stop condition.
To provide sequential reads the 24C32 contains an
internal address pointer which is incremented by one at
the completion of each operation. This address pointer
allows the entire memory contents to be serially read
during one operation. The address pointer, however,
will not roll over from address 07FF to address 0000. It
will roll from 07FF to unused memory space.
6.5
Noise Protection
The SCL and SDA inputs have filter circuits which sup-
press noise spikes to ensure proper device operation
even on a noisy bus. All I/O lines incorporate Schmitt
triggers for 400 kHz (Fast Mode) compatibility.
FIGURE 6-2:
RANDOM READ
FIGURE 6-3:
SEQUENTIAL READ
SDA LINE
BUS
CONTROL
BYTE
WORD
ADDRESS (1)
S
T
O
P
S
T
A
R
T
A
C
K
A
C
K
A
C
K
ACTIVITY:
A
C
K
N
O
DATA n
00 0
WORD
ADDRESS (0)
S
T
A
R
T
CONTROL
BYTE
A
C
K
0
S
P
S
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
O
P
CONTROL
BYTE
A
C
K
N
O
A
C
K
DATA n
DATA n + 1
DATA n + 2
DATA n + X
A
C
K
A
C
K
A
C
K


Similar Part No. - 24C32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
   32K 5.0V I2C Smart Serial EEPROM
1996
logo
ATMEL Corporation
24C32 ATMEL-24C32 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
logo
Microchip Technology
24C32-I/P MICROCHIP-24C32-I/P Datasheet
94Kb / 12P
   32K 5.0V I2C Smart Serial EEPROM
1996
24C32-I/SM MICROCHIP-24C32-I/SM Datasheet
94Kb / 12P
   32K 5.0V I2C Smart Serial EEPROM
1996
24C320-EP MICROCHIP-24C320-EP Datasheet
86Kb / 12P
   32K 5.0V SPI Bus Serial EEPROM
2004
More results

Similar Description - 24C32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
   32K 5.0V I2C Smart Serial EEPROM
1996
24LC32 MICROCHIP-24LC32 Datasheet
137Kb / 14P
   32K 2.5V I2C??Smart Serial EEPROM
2004
24AA32 MICROCHIP-24AA32_04 Datasheet
137Kb / 14P
   32K 1.8V I2C??Smart Serial??EEPROM
2004
24FC65 MICROCHIP-24FC65_04 Datasheet
168Kb / 14P
   64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
2004
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com