Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F2G08R0A Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9F2G08R0A
Description  FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2G08R0A Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9F2G08R0A Datasheet HTML 7Page - Samsung semiconductor K9F2G08R0A Datasheet HTML 8Page - Samsung semiconductor K9F2G08R0A Datasheet HTML 9Page - Samsung semiconductor K9F2G08R0A Datasheet HTML 10Page - Samsung semiconductor K9F2G08R0A Datasheet HTML 11Page - Samsung semiconductor K9F2G08R0A Datasheet HTML 12Page - Samsung semiconductor K9F2G08R0A Datasheet HTML 13Page - Samsung semiconductor K9F2G08R0A Datasheet HTML 14Page - Samsung semiconductor K9F2G08R0A Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
FLASH MEMORY
11
K9F2G08U0A
K9F2G08R0A
DC AND OPERATING CHARACTERISTICS(Recommended operating conditions otherwise noted.)
NOTE : 1. VIL can undershoot to -0.4V and VIH can overshoot to VCC +0.4V for durations of 20 ns or less.
2. Typical value is measured at Vcc=3.3V, TA=25
°C. Not 100% tested.
Parameter
Symbol
Test Conditions
1.8V
3.3V
Unit
Min
Typ
Max
Min
Typ
Max
Operating
Current
Page Read with
Serial Access
ICC1
tRC=25ns
(K9F2G08R0A: 42ns)
CE=VIL, IOUT=0mA
-
10
20
-
15
30
mA
Program
ICC2-
Erase
ICC3-
Stand-by Current(TTL)
ISB1CE=VIH, WP=0V/VCC
-
-
1
-
-
1
Stand-by Current(CMOS)
ISB2CE=VCC-0.2, WP=0V/VCC
-
10
50
-
10
50
µA
Input Leakage Current
ILI
VIN=0 to Vcc(max)
-
-
±10
-
-
±10
Output Leakage Current
ILO
VOUT=0 to Vcc(max)
-
-
±10
-
-
±10
Input High Voltage
VIH(1)
-
0.8xVcc
-
Vcc+0.3 0.8xVcc
-
Vcc+0.3
V
Input Low Voltage, All inputs
VIL(1)
-
-0.3
-
0.2xVcc
-0.3
-
0.2xVcc
Output High Voltage Level
VOH
K9F2G08R0A: IOH=-100
µA
K9F2G08U0A: IOH=-400
µA
Vcc-0.1
-
-
2.4
-
-
Output Low Voltage Level
VOL
K9F2G08R0A: IOL=100
µA
K9F2G08U0A: IOL=2.1mA
--
0.1
-
-
0.4
Output Low Current(R/B)IOL(R/B)VOL=0.4V
3
4
8
10
-
mA
RECOMMENDED OPERATING CONDITIONS
(Voltage reference to GND, K9F2G08X0A-XCB0
:TA=0 to 70°C, K9F2G08X0A-XIB0:TA=-40 to 85°C)
Parameter
Symbol
1.8V
3.3V
Unit
Min
Typ.
Max
Min
Typ.
Max
Supply Voltage
VCC
1.65
1.8
1.95
2.7
3.3
3.6
V
Supply Voltage
VSS
0
000
00
V
ABSOLUTE MAXIMUM RATINGS
NOTE :
1. Minimum DC voltage is -0.6V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <30ns.
Maximum DC voltage on input/output pins is VCC+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns.
2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
1.8V
3.3V
Voltage on any pin relative to VSS
VCC
-0.6 to +2.45
-0.6 to +4.6
V
VIN
-0.6 to +2.45
-0.6 to +4.6
VI/O
-0.6 to Vcc + 0.3 (< 2.45V)
-0.6 to Vcc + 0.3 (< 4.6V)
Temperature Under
Bias
K9F2G08X0A-XCB0
TBIAS
-10 to +125
°C
K9F2G08X0A-XIB0
-40 to +125
Storage Temperature
K9F2G08X0A-XCB0
TSTG
-65 to +150
°C
K9F2G08X0A-XIB0
Short Circuit Current
IOS
5
mA


Similar Part No. - K9F2G08R0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08B0B SAMSUNG-K9F2G08B0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9F2G08B0B-P SAMSUNG-K9F2G08B0B-P Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9F2G08Q0M SAMSUNG-K9F2G08Q0M Datasheet
601Kb / 38P
   FLASH MEMORY
logo
STMicroelectronics
K9F2G08U STMICROELECTRONICS-K9F2G08U Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
Samsung semiconductor
K9F2G08U0B SAMSUNG-K9F2G08U0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
More results

Similar Description - K9F2G08R0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com