Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8303A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8303A
Description  Small signal combination IC for black/white TV
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8303A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8303A Datasheet HTML 4Page - NXP Semiconductors TDA8303A Datasheet HTML 5Page - NXP Semiconductors TDA8303A Datasheet HTML 6Page - NXP Semiconductors TDA8303A Datasheet HTML 7Page - NXP Semiconductors TDA8303A Datasheet HTML 8Page - NXP Semiconductors TDA8303A Datasheet HTML 9Page - NXP Semiconductors TDA8303A Datasheet HTML 10Page - NXP Semiconductors TDA8303A Datasheet HTML 11Page - NXP Semiconductors TDA8303A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
July 1992
8
Philips Semiconductors
Preliminary specification
Small signal combination IC for black/white TV
TDA8303
TDA8303A
S/N
signal-to-noise ratio
10 mV input
signal
50
57
dB
S/N
signal-to-noise ratio
end of gain
control range
50
62
dB
V17
residual carrier signal
210
mV
V17
residual 2nd harmonic of carrier signal
210
mV
Tuner AGC
V8-9(RMS)
minimum starting point for tuner take
−over
(RMS value)
−−
0.2
mV
V8-9(RMS)
maximum starting point for tuner take
−over
(RMS value)
100
150
mV
I5
maximum tuner AGC output swing
V5 = 3 V
4
−−
mA
V5
output saturation voltage
I5 = 2 mA
−−
300
mV
IL
leakage current (pin 5)
−−
1
µA
∆VI
input signal variation complete tuner control
0.2
2
4
dB
V1
minimum voltage tuner take
−over
−−
1V
AFC circuit
I19
AFC sample-and-hold switch-off current
0.1
−−
mA
IO
output current (pin 19)
V19 = 0 V
0.1
0.3
mA
ILO
output leakage current (pin 19)
−−
2
µA
V18
AFC output voltage swing
notes 18 and 19
10.5
11.5
V
I18
available output current
0.2
−−
mA
control slope
100
mV/kHz
VO
output voltage (pin 18)
AFC off
5.5
6
6.5
V
RO
AFC output resistance
40
k
V18
output voltage swing
notes 25 and 26
11
V
control slope
notes 25 and 26
80
mV/kHz
V18
output voltage shift with respect to
VI = 10 mV(RMS)
notes 25 and 26
−−2
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA8303A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8302H PHILIPS-TDA8302H Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
logo
List of Unclassifed Man...
TDA8305 ETC-TDA8305 Datasheet
24Kb / 1P
   Vision and sound I.F. detectir, horizontal and vertical timebase
logo
NXP Semiconductors
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
More results

Similar Description - TDA8303A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4503 PHILIPS-TDA4503 Datasheet
881Kb / 14P
   SMALL-SIGINAL COMBINATION IC FOR BLACK-AND-WHITE TV
November 1984
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
logo
List of Unclassifed Man...
TDA4500 ETC-TDA4500 Datasheet
687Kb / 11P
   SMALL SIGNAL COMBINATION IC FOR MONOCHROME TV
logo
NXP Semiconductors
TDA4502A PHILIPS-TDA4502A Datasheet
805Kb / 18P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
October 1988
TDA4505 PHILIPS-TDA4505 Datasheet
440Kb / 15P
   Small signal combination IC for colour TV
January 1988
TDA4501 PHILIPS-TDA4501 Datasheet
540Kb / 13P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
oCTOBER 1984
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
TDA4504B PHILIPS-TDA4504B Datasheet
190Kb / 26P
   Small signal combination for multistandard colour TV
February 1992
logo
List of Unclassifed Man...
TBA1440G ETC1-TBA1440G Datasheet
201Kb / 6P
   VIDEO IF IC FOR BLACK / WHITE AND COLOR TV SETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com