Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LCS21 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LCS21
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21 Datasheet(HTML) 5 Page - Microchip Technology

  24LCS21 Datasheet HTML 1Page - Microchip Technology 24LCS21 Datasheet HTML 2Page - Microchip Technology 24LCS21 Datasheet HTML 3Page - Microchip Technology 24LCS21 Datasheet HTML 4Page - Microchip Technology 24LCS21 Datasheet HTML 5Page - Microchip Technology 24LCS21 Datasheet HTML 6Page - Microchip Technology 24LCS21 Datasheet HTML 7Page - Microchip Technology 24LCS21 Datasheet HTML 8Page - Microchip Technology 24LCS21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2005 Microchip Technology Inc.
DS21127F-page 5
24LCS21
3.0
BIDIRECTIONAL MODE
The 24LCS21 can be switched into the Bidirectional
mode (Figure 3-1) by applying a valid high-to-low
transition on the Bidirectional mode clock (SCL). When
the device has been switched into the Bidirectional
mode, the VCLK input is disregarded, with the exception
that a logic high level is required to enable write capa-
bility. This mode supports a two-wire bidirectional data
transmission protocol (I2C). In this protocol, a device
that sends data on the bus is defined to be the transmit-
ter and a device that receives data from the bus is
defined to be the receiver. The bus must be controlled
by a master device that generates the Bidirectional
mode clock (SCL), controls access to the bus and gen-
erates the Start and Stop conditions, while the
24LCS21 acts as the slave. Both master and slave can
operate as transmitter or receiver, but the master
device determines which mode is activated.
In this
mode, the 24LCS21 only
responds to
commands for device ‘1010 000X’.
3.1
Bidirectional Mode Bus
Characteristics
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus
is not busy.
• During data transfer, the data line must remain
stable whenever the clock line is high. Changes in
the data line while the clock line is high will be
interpreted as a Start or Stop condition.
Accordingly, the following bus conditions have been
defined (Figure 3-2).
3.1.1
BUS NOT BUSY (A)
Both data and clock lines remain high.
3.1.2
START DATA TRANSFER (B)
A high-to-low transition of the SDA line while the clock
(SCL) is high determines a Start condition. All
commands must be preceded by a Start condition.
3.1.3
STOP DATA TRANSFER (C)
A low-to-high transition of the SDA line while the clock
(SCL) is high determines a Stop condition. All
operations must be ended with a Stop condition.
FIGURE 3-1:
MODE TRANSITION
FIGURE 3-2:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
SCL
SDA
VCLK
Bidirectional mode
TVHZ
Transmit-Only mode
(A)
(B)
(D)
(D)
(A)
(C)
Start
Condition
Address or
Acknowledge
Valid
Data
Allowed
to Change
Stop
Condition
SCL
SDA


Similar Part No. - 24LCS21

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21 MICROCHIP-24LCS21 Datasheet
91Kb / 12P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21A MICROCHIP-24LCS21A Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LCS21A MICROCHIP-24LCS21A Datasheet
1Mb / 16P
   A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
24LCS21A-/P MICROCHIP-24LCS21A-/P Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
More results

Similar Description - 24LCS21

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21 MICROCHIP-24LCS21 Datasheet
91Kb / 12P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LC21 MICROCHIP-24LC21 Datasheet
81Kb / 12P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2004
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LC21A MICROCHIP-24LC21A_03 Datasheet
239Kb / 18P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC21A MICROCHIP-24LC21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC41 MICROCHIP-24LC41 Datasheet
98Kb / 12P
   1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
1996
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com