Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JE7121HL1 Datasheet(PDF) 3 Page - Hongfa Technology

Part # JE7121HL1
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE7121HL1 Datasheet(HTML) 3 Page - Hongfa Technology

  JE7121HL1 Datasheet HTML 1Page - Hongfa Technology JE7121HL1 Datasheet HTML 2Page - Hongfa Technology JE7121HL1 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ehi
+:?8=6 D:56 DE23=6 \r66?6C8:K65 4@?5:E:@?]
e 4@:=D =2E49:?8 \*6D6E 4@?5:E:@?]
d 4@:= =2E49:?8 \*6D6E 4@?5:E:@?]
dt@C> oe t@C> o
dt@C> o
et@C> o
do^dp
dt@C> o
et@C> o
do^dp
do^dp
r:D4=2:>6C
,9:D 52E2D966E :D 7@C E96 4FDE@>6CDO C676C6?46ao== E96 DA64:7:42E:@?D 2C6 DF3;64E E@ 492?86 H:E9@FE ?@E:46a
/6 4@F=5 ?@E 6G2=F2E6 2== E96 A6C7@C>2?46 2?5 2== E96 A2C2>6E6CD 7@C 6G6CJ A@DD:3=6 2AA=:42E:@?a ,9FD E96 FD6C D9@F=5 36 :? 2 C:89E A@D:E:@? E@
49@@D6 E96 DF:E23=6 AC@5F4E 7@C E96:C @H? 2AA=:42E:@?aw7 E96C6 :D 2?J BF6CJ_ A=62D6 4@?E24E v@?872 7@C E96 E649?:42= D6CG:46av@H6G6C_ :E :D E96 FD6COD
C6DA@?D:3:=:EJ E@ 56E6C>:?6 H9:49 AC@5F4E D9@F=5 36 FD65 @?=Ja
L 0:2>6? v@?872 s=64EC@24@FDE:4 q@a_ zE5a o== C:89ED @7 v@?872 2C6 C6D6CG65a
=QUMHJ
da *6=2J :D @? E96 PC6D6EQ DE2EFD H96? 36:?8 C6=62D65 7C@> DE@4<_ H:E9 E96 4@?D:56C2E:@? @7 D9@4< C:D6? 7C@> EC2?D:E 2?5 C6=2J >@F?E:?8_ C6=2J H@F=5
36 492?865 E@ PD6EQ DE2EFD_ E96C67@C6_ H96? 2AA=:42E:@? \ 4@??64E:?8 E96 A@H6C DFAA=J]_ A=62D6 C6D6E E96 C6=2J E@ PD6EQ @C PC6D6EQ DE2EFD @? C6BF6DEa
ea w? @C56C E@ >2:?E2:? PD6EQ @C PC6D6EQ DE2EFD_ 6?6C8:K65 G@=E286 E@ 4@:= D9@F=5 C6249 E96 C2E65 G@=E286_ :>AF=D6 H:5E9 D9@F=5 36 h E:>6D >@C6 E92?
PD6EQ @C PC6D6EQ E:>6ar@ ?@E 6?6C8:K6 G@=E286 E@ PD6EQ 4@:= 2?5 PC6D6EQ 4@:= D:>F=E2?6@FD=Jao?5 2=D@ =@?8 6?6C8:K65 E:>6 \>@C6 E92? d >:?] D9@F=5
36 2G@:565a
fa w? @C56C E@ 2G@:5 492?8:?8 @A6C2E6 G@=E286_ AC@5F4ED D9@F=5 ?@E 36 <6AE :? DEC@?8 >28?6E:4 7:6=5 5FC:?8 EC2?DA@CE2E:@?_ DE@C286 2?5 2AA=:42E:@?a
/:C:?8 r:28C2> \p@EE@> G:6H]
>CB;9=5 49<5=A9>=A, E9@9=7 4917@1< 1=4 ?3 2>1@4 ;1F>CB
-?:Em >>
*6>2C<m ,96 4@:= A@=2C:EJ @7 *6G6CD6 A@=2C:EJ 2?5 +E2?52C5 A@=2C:EJ :D @AA@D:E6a


Similar Description - JE7121HL1

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com