Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JE22BH1NTB21 Datasheet(PDF) 3 Page - Hongfa Technology

Part # JE22BH1NTB21
Description  HIGH POWER LATCHING RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE22BH1NTB21 Datasheet(HTML) 3 Page - Hongfa Technology

  JE22BH1NTB21 Datasheet HTML 1Page - Hongfa Technology JE22BH1NTB21 Datasheet HTML 2Page - Hongfa Technology JE22BH1NTB21 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
}qp y2J@FE
ic
hd
e`Nfah
q@:= /:C:?8 r:28C2>
q@:= ,6C>:?2= ,JA6
cah
cagh
cak
EJA6 d
*6D6E ]|77^
+6E ]|?^
dak
Ndae
cah
eak
dak
EJA6 e
*6D6E ]|77^
+6E ]|?^
,JA6 p 4@?E24E E6C>:?2=_ /:E9 >:4C@ DH:E49
,JA6 p 4@?E24E E6C>:?2=_ /:E9@FE >:4C@ DH:E49
,JA6 q 4@?E24E E6C>:?2=_ /:E9@FE >:4C@ DH:E49
,JA6 q 4@?E24E E6C>:?2=_ /:E9 >:4C@ DH:E49
e`Nfae
e`hack
fg
iad
dhah
ed
cai
diak
Niae
ic
eg
Nkae
fad
hak
kah
jaf
djaj
e
e
djaj
cai
ed
e`Nfae
e`hack
fg
lajd
dcag
Nead
dhah
iad
diak
jaf
ic
fad
eg
Nkae
kah
hak
Niae
e`Nfae
djaj
ic
fad
fad
ic
dhah
ed
cah
fg
e`hack
k
e`Nfae
dcag
fg
lajd
Nead
e`hack
k
eiai
dc
e`Ngae
dc
dc
e`Ngae
e
eiai
dc
djaj
dhah
ed
cah
e
r:D4=2:>6C
,9:D 52E2D966E :D 7@C E96 4FDE@>6CDO C676C6?46ao== E96 DA64:7:42E:@?D 2C6 DF3;64E E@ 492?86 H:E9@FE ?@E:46a
/6 4@F=5 ?@E 6G2=F2E6 2== E96 A6C7@C>2?46 2?5 2== E96 A2C2>6E6CD 7@C 6G6CJ A@DD:3=6 2AA=:42E:@?a ,9FD E96 FD6C D9@F=5 36 :? 2 C:89E A@D:E:@? E@
49@@D6 E96 DF:E23=6 AC@5F4E 7@C E96:C @H? 2AA=:42E:@?aw7 E96C6 :D 2?J BF6CJ_ A=62D6 4@?E24E v@?872 7@C E96 E649?:42= D6CG:46av@H6G6C_ :E :D E96 FD6COD
C6DA@?D:3:=:EJ E@ 56E6C>:?6 H9:49 AC@5F4E D9@F=5 36 FD65 @?=Ja
L 0:2>6? v@?872 s=64EC@24@FDE:4 q@a_ yE5a o== C:89ED @7 v@?872 2C6 C6D6CG65a
k
k
*6>2C<mw? 42D6 @7 ?@ E@=6C2?46 D9@H? :? @FE=:?6 5:>6?D:@?m @FE=:?6 5:>6?D:@? Vd>>_ E@=6C2?46 D9@F=5 36 Mcae>>n @FE=:?6 5:>6?D:@? Xd>>
2?5 Vh>>_ E@=6C2?46 D9@F=5 36 Mcaf>>n @FE=:?6 5:>6?D:@? Xh>>_ E@=6C2?46 D9@F=5 36 Mcag>>a
eij
<A@97;3 27:3;?7<;?+ C7>7;5 27/5>/: /;2 =1 0</>2 9/D<A@
-?:Em >>


Similar Part No. - JE22BH1NTB21

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
JE2835 CREE-JE2835 Datasheet
4Mb / 86P
   J Series® JE2835 Color LEDs
REV 0
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
   Cree J Series 2835 LEDs
JE2835AAM-N-0001A0000 CREE-JE2835AAM-N-0001A0000 Datasheet
4Mb / 86P
   J Series® JE2835 Color LEDs
REV 0
JE2835ABL-N-0005A0000 CREE-JE2835ABL-N-0005A0000 Datasheet
4Mb / 86P
   J Series® JE2835 Color LEDs
REV 0
JE2835ACY-N-0003A0000 CREE-JE2835ACY-N-0003A0000 Datasheet
4Mb / 86P
   J Series® JE2835 Color LEDs
REV 0
More results

Similar Description - JE22BH1NTB21

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
   HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE9 HONGFA-JE9 Datasheet
132Kb / 5P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com