Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LCS21A Datasheet(PDF) 6 Page - Microchip Technology

Part # 24LCS21A
Description  1K 2.5V Dual Mode I2C??Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21A Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24LCS21A Datasheet HTML 2Page - Microchip Technology 24LCS21A Datasheet HTML 3Page - Microchip Technology 24LCS21A Datasheet HTML 4Page - Microchip Technology 24LCS21A Datasheet HTML 5Page - Microchip Technology 24LCS21A Datasheet HTML 6Page - Microchip Technology 24LCS21A Datasheet HTML 7Page - Microchip Technology 24LCS21A Datasheet HTML 8Page - Microchip Technology 24LCS21A Datasheet HTML 9Page - Microchip Technology 24LCS21A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
24LCS21A
DS21161G-page 6
© 2005 Microchip Technology Inc.
FIGURE 3-3:
DISPLAY OPERATION PER DDC STANDARD PROPOSED BY VESA®
Communication
is idle
Is Vsync
present?
No
Send EDID™ continuously
using Vsync as clock
High-to-low
transition on
SCL?
No
Yes
Yes
Stop sending EDID.
Switch to DDC2™ mode.
Display has
transition state
?
optional
Set Vsync counter = 0
Change on
VCLK lines?
SCL, SDA or
No
Yes
High - low
transition on SCL
?
Reset Vsync counter = 0
No
Yes
Valid
received?
DDC2 address
No
No
VCLK
cycle?
Yes
Increment VCLK counter
Yes
Switch back to DDC1™
mode.
DDC2 communication
idle. Display waiting for
address byte.
DDC2B
address
received?
Yes
Receive DDC2B
command
Respond to DDC2B
command
Is display
Access.busTM
Yes
Valid Access.bus
address?
No
Yes
See Access.bus
specification to determine
correct procedure.
Yes
No
Yes
No
No
No
The 24LCS21A was designed to
Display Power-on
or
DDC™ Circuit Powered
from +5 volts
or start timer
Reset counter or timer
(if appropriate)
Counter = 128 or
timer expired?
High-to-low
transition on
SCL?
No
Yes
comply to the portion of flowchart inside dash box
Note 1:
The base flowchart is copyright
© 1993, 1994, 1995 Video Electronic Standard Association (VESA) from
VESA’s Display Data Channel (DDC) Standard Proposal ver. 2p rev. 0, used by permission of VESA.
2: The dash box and text “The 24LCS21A and... inside dash box.” are added by Microchip Technology Inc.
3: Vsync signal is normally used to derive a signal for VCLK pin on the 24LCS21A.
capable?


Similar Part No. - 24LCS21A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21A MICROCHIP-24LCS21A Datasheet
1Mb / 16P
   A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
More results

Similar Description - 24LCS21A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LC21T MICROCHIP-24LC21T Datasheet
236Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
05/28/04
24LC21A MICROCHIP-24LC21A_08 Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21AT-ISN MICROCHIP-24LC21AT-ISN Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21A-I MICROCHIP-24LC21A-I Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LCS21 MICROCHIP-24LCS21_13 Datasheet
240Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC41 MICROCHIP-24LC41_04 Datasheet
139Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com