Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC21A Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC21A
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21A Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC21A Datasheet HTML 4Page - Microchip Technology 24LC21A Datasheet HTML 5Page - Microchip Technology 24LC21A Datasheet HTML 6Page - Microchip Technology 24LC21A Datasheet HTML 7Page - Microchip Technology 24LC21A Datasheet HTML 8Page - Microchip Technology 24LC21A Datasheet HTML 9Page - Microchip Technology 24LC21A Datasheet HTML 10Page - Microchip Technology 24LC21A Datasheet HTML 11Page - Microchip Technology 24LC21A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
24LC21A
DS21160F-page 8
 2003 Microchip Technology Inc.
FIGURE 3-5:
BUS TIMING START/STOP
FIGURE 3-6:
BUS TIMING DATA
3.1.6
SLAVE ADDRESS
After generating a Start condition, the bus master
transmits the slave address consisting of a 7-bit device
code (1010000) for the 24LC21A.
The eighth bit of slave address determines whether the
master device wants to read or write to the 24LC21A
(Figure 3-7).
The 24LC21A monitors the bus for its corresponding
slave
address
continuously.
It
generates
an
Acknowledge bit if the slave address was true and it is
not in a programming mode.
FIGURE 3-7:
CONTROL BYTE
ALLOCATION
SCL
SDA
START
STOP
VHYS
TSU:STO
THD:STA
TSU:STA
SCL
SDA
IN
SDA
OUT
TSU:STA
TSP
TAA
TF
TLOW
THIGH
THD:STA
THD:DAT
TSU:DAT
TSU:STO
TBUF
TAA
TR
Operation
Slave Address
R/W
Read
1010000
1
Write
1010000
0
R/W
A
10
1
0
0
0
0
READ/WRITE
START
SLAVE ADDRESS


Similar Part No. - 24LC21A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21A MICROCHIP-24LC21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC21A MICROCHIP-24LC21A Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21A-I MICROCHIP-24LC21A-I Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
More results

Similar Description - 24LC21A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21 MICROCHIP-24LCS21 Datasheet
91Kb / 12P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LC21 MICROCHIP-24LC21 Datasheet
81Kb / 12P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2004
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21 MICROCHIP-24LCS21_05 Datasheet
378Kb / 24P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
24LC21A MICROCHIP-24LC21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC41 MICROCHIP-24LC41 Datasheet
98Kb / 12P
   1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
1996
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com