Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XREROY-L1-0000-00C02 Datasheet(PDF) 6 Page - Cree, Inc

Part # XREROY-L1-0000-00C02
Description  XLamp XR-E and XR-C LED Binning and Labeling
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XREROY-L1-0000-00C02 Datasheet(HTML) 6 Page - Cree, Inc

Back Button XREROY-L1-0000-00C02 Datasheet HTML 2Page - Cree, Inc XREROY-L1-0000-00C02 Datasheet HTML 3Page - Cree, Inc XREROY-L1-0000-00C02 Datasheet HTML 4Page - Cree, Inc XREROY-L1-0000-00C02 Datasheet HTML 5Page - Cree, Inc XREROY-L1-0000-00C02 Datasheet HTML 6Page - Cree, Inc XREROY-L1-0000-00C02 Datasheet HTML 7Page - Cree, Inc XREROY-L1-0000-00C02 Datasheet HTML 8Page - Cree, Inc XREROY-L1-0000-00C02 Datasheet HTML 9Page - Cree, Inc XREROY-L1-0000-00C02 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and XLamp are registered trademarks of Cree, Inc.

CLD-AP2.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Cree’s Standard Chromaticity Regions Plotted on the 9 CIE Curve
5000K
4000K
3000K
2500K
E3
E5
E7
E4
E6
E8
3500K
2700K
4500K
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.45 0.46 0.47 0.48 0.49 0.50
CCx
BBL
5000K
WA
WB
WC
WD
WJ
WE
WF
WG
WH
WK
WM
WN
WP
6000K
7000K
8000K
9000K
10000K
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
CCx
BBL
x
y
Avg x
Avg y Avg CCT
x
E3
0.355 0.376
0.345 0.356
5014.501697
A-B
0.346 0.369
3A 0.337
0.338 0.362
C-D
0.344 0.343
0.345
0.337 0.337
B-C
0.337 0.349
0.344
0.351 0.349
D-A
0.353 0.362
0.337
0.355 0.376
0.337
E4
0.374 0.387
0.362 0.366
4497.166389
A-B
0.364 0.381
4A 0.351
5000K
4000K
3000K
3500K
2700K
4500K
3A
3B
3C
3D
4A
4B
4C
4D
5A
5B
5C
5D
6A
6B
6C
6D
7A
7B
7C
7D
8A
8B
8C
8D
2875K
3200K
3700K
4300K
4750K
5350K
2585K
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.45 0.46 0.47 0.48 0.49 0.50
CCx
BBL


Similar Part No. - XREROY-L1-0000-00C02

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XREROY-L1-0000-00701 CREE-XREROY-L1-0000-00701 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XREROY-L1-0000-00801 CREE-XREROY-L1-0000-00801 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XREROY-L1-0000-00801 CREE-XREROY-L1-0000-00801 Datasheet
1Mb / 14P
   XLamp XR-E LED
XREROY-L1-0000-00901 CREE-XREROY-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
XREROY-L1-0000-00A01 CREE-XREROY-L1-0000-00A01 Datasheet
1Mb / 14P
   XLamp XR-E LED
More results

Similar Description - XREROY-L1-0000-00C02

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
XRCWHT-L1-0000-00501 CREE-XRCWHT-L1-0000-00501 Datasheet
1Mb / 16P
   XLamp XR-C LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
logo
Ledil, Inc.
FA10739 LEDIL-FA10739 Datasheet
2Mb / 4P
   ~32째 medium beam designed for CREE XR-E.
C10924 LEDIL-C10924 Datasheet
765Kb / 4P
   Oval beam for area lighting optimized for CREE XM-L and XR-E
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com