Selected language     English  â–¼


I04-220-6R0 Datasheet(PDF) 2 Page - ice Components, Ins.

Part No. I04-220-6R0
Description  Output Power Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICE [ice Components, Ins.]
Homepage  http://www.icecomponents.com
Logo 

   
 2 page
background image
cust.serv@icecomp.com
www.icecomponents.com
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304
(7/07) I04-2
•
Output Power Chokes
I04 Series
S
F
9.0
3.0
14.0
3.0
•
units: mm
Vertical
Horizontal
F
S
13.0
3.0
F
S
17.0
3.0
Mechanical
Vertical
Footprint
A
B
C
D
D
B
A
E
E
Horizontal
F
G
F
S
H
S
F
FIG.1
FIG.2
S
F
9.0
3.0
17.0
3.0
PartNumber
A
B
C
D
LeadDia
E
VerticalFootprint
Horizontal
FootprintH
PCBHoleSize
(recommended)
F
G
I04-4R7-3R3
12.0
6.5
11.5
12.7
#21
6.0
8.5
6.0
1.0
I04-100-3R3
14.0
8.5
13.5
12.7
#21
7.0
8.5
7.5
1.0
I04-220-3R3
16.0
12.0
14.5
12.7
#21
12.5
8.0
9.0
1.0
I04-2R2-6R0
15.0
7.5
13.5
12.7
#17
7.0
8.5
7.5
1.5
I04-220-6R0
22.0
15.5
21.0
12.7
#17
12.5
10.5
11.5
1.5
I04-4R7-8R0
18.5
14.0
16.5
12.7
#16
12.5
8.0
8.5
1.7
I04-100-8R0
23.0
14.0
21.0
12.7
#16
12.5
10.5
12.0
1.7
I04-150-8R0
25.5
17.0
23.5
12.7
#16
16.0
14.0
14.5
1.7
I04-220-8R0
33.0
17.0
30.5
12.7
#14
14.0
16.0
18.0
2.0
I04-2R2-130
20.0
15.0
16.5
12.7
#14
12.5
8.0
9.0
2.0
I04-100-130
32.0
16.0
30.5
12.7
#15x2
FIG.1
1.8
I04-4R7-160
27.0
18.0
24.0
12.7
#14x2
FIG.2
2.0
units: mm




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
I01-0210-01-00Output Power Chokes 1 2 ice Components, Ins.
B82745Chokes for Power Lines Current-Compensated Ring Core Triple Chokes 1 2 3 EPCOS
Q48DB12003NRFADelphi Series Q48DB 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in ±12V 2.7A Output 1 2 3 4 5 MoreDelta Electronics, Inc.
HFA1115_04225MHz Low Power Output Limiting Closed Loop Buffer Amplifier 1 2 3 4 5 MoreIntersil Corporation
UCC2819APROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR 1 2 3 4 5 MoreTexas Instruments
B82747Chokes for Power Lines Current-Compensated Ring Core Triple Chokes 1 2 3 EPCOS
ADM1192Digital Power Monitor with Clear Pin and ALERT Output 1 2 3 4 5 MoreAnalog Devices
LFO-17-IPCW output power > 2.0 mW 1 2 List of Unclassifed Manufacturers
Q48DR1R533NRFADelphi Series Q48DR 87W-100W Quarter Brick Dual Output DC/DC Power Modules: 48V in 1.5V and 3.3V 15A out each channel 1 2 3 4 5 MoreDelta Electronics, Inc.
HFA1135_06360MHz Low Power Video Operational Amplifier with Output Limiting 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl